Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MMF25S-R-10K

  • AI
    The **MMF25S-R-10K** is a specific part number for a professional-grade electronic component, primarily manufactured by **Yageo**. It belongs to the **Metal Film Resistor** family. Below is a detailed breakdown of its specifications and characteristics. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the component's exact properties: | Part Segment | Meaning | Detail | | :--- | :--- | :--- | | **MMF** | Series | MELF (Metal Electrode Leadless Face) Metal Film Resistor | | **25S** | Power Rating | 0.25 Watts (1/4 W) in a small package size | | **R** | Packaging | Tape & Reel (Standard) | | **10K** | Resistance Value | 10,000 Ohms ($10k \Omega$) | --- ### 2. Technical Specifications This component is designed for precision and stability in electronic circuits. | Parameter | Specification | | :--- | :--- | | **Resistance** | $10k \Omega$ | | **Tolerance** | Typically $\pm 1\%$ (Standard for Metal Film) | | **Power Rating** | 0.25W ($1/4$ Watt) | | **Operating Temp Range** | $-55^\circ\text{C}$ to $+155^\circ\text{C}$ | | **Technology** | Metal Film | | **Mounting Type** | Surface Mount (MELF Package) | --- ### 3. Key Features * **MELF Construction:** Unlike standard flat chip resistors (thick film), MELF resistors are cylindrical. This design offers superior thermal dissipation and better pulse load stability. * **Low Noise:** Metal film technology provides significantly lower current noise compared to carbon film or thick film resistors. * **Temperature Stability:** It has a low Temperature Coefficient of Resistance (TCR), meaning the resistance value remains stable even as the device heats up. * **Reliability:** High moisture resistance and long-term stability make it suitable for industrial and automotive applications. --- ### 4. Common Applications Due to its precision, the MMF25S-R-10K is commonly found in: 1. **Measurement Equipment:** Where accuracy in voltage dividers is required. 2. **Audio Electronics:** Used in signal paths to minimize background hiss/noise. 3. **Medical Devices:** Where long-term reliability and tight tolerances are critical. 4. **Telecommunications:** For signal conditioning and filtering.
    ✨ Follow-up Questions
    • ⤷ What is the physical size difference between a MELF resistor and a standard 0805 SMD resistor?
    • ⤷ What is the typical Temperature Coefficient (TCR) for the Yageo MMF series?
    • ⤷ Can this resistor be used in high-frequency RF applications?