Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MMF25S-R-1R

  • AI
    The **MMF25S-R-1R** is a specific model of a precision metal film resistor produced by **Yageo**. It is designed for applications where stability and low noise are critical. --- ### 1. Part Number Breakdown To understand the electronic characteristics, we can decode the Yageo part numbering system for this component: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **MMF** | Series | Metal Film Resistor (Melf or Leaded) | | **25S** | Power Rating | 0.25W (1/4W) in a Small (S) size package | | **-R-** | Packaging | Tape & Reel (typically) | | **1R** | Resistance Value | 1.0 Ohm ($\Omega$) | --- ### 2. Technical Specifications Below are the key electrical and physical properties of the MMF25S-R-1R: | Parameter | Specification | | :--- | :--- | | **Resistance Value** | 1 $\Omega$ | | **Power Rating** | 0.25 Watts (1/4 W) | | **Technology** | Metal Film | | **Temperature Coefficient** | Typically $\pm$50ppm/°C or $\pm$100ppm/°C | | **Operating Temp Range** | -55°C to +155°C | | **Voltage Rating** | 200V - 250V (Maximum Working Voltage) | --- ### 3. Key Electronic Characteristics * **Metal Film Technology:** Unlike carbon film resistors, metal film resistors provide much better stability and lower noise. This makes them ideal for precision circuits. * **Low Tolerance:** These parts are generally manufactured with tight tolerances (often $\pm$1% or better), ensuring the actual resistance is very close to the 1-ohm rating. * **"S" (Small) Size Package:** The "25S" designation indicates a "Miniature" size. This means the resistor has the power handling of a standard 1/4W resistor but is physically smaller, similar to the dimensions of a 1/8W resistor. This saves PCB space. * **Flameproof Coating:** The exterior is typically coated with a multi-layer non-flame material that can withstand high temperatures and prevent combustion during overloads. --- ### 4. Common Applications Due to its 1-ohm value and precision nature, this part is often used for: 1. **Current Sensing:** Measuring small currents in power supply circuits. 2. **Inrush Limiting:** Protecting sensitive components from initial power spikes. 3. **Audio Circuits:** Providing low-noise signal paths in amplifiers. 4. **Voltage Dividers:** Used in precision feedback loops.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Metal Film and Carbon Film resistors?
    • ⤷ How do I interpret the color bands on a 1-ohm resistor?
    • ⤷ Can I substitute a 1/2W resistor for this 1/4W part?