Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MMF50S-R-1M

  • AI
    The **MMF50S-R-1M** is a high-precision electronic component categorized as a **Metal Film Resistor**. It is commonly used in circuits requiring stability, low noise, and precise resistance values. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify its specific technical characteristics: | Code Segment | Property | Description | | :--- | :--- | :--- | | **MMF** | Series | Mini-Metal Film (High stability & reliability) | | **50S** | Power Rating | 0.5 Watts (1/2W) in a Small/Miniature body size | | **R** | Packaging | Taped & Reeled (Standard for automated assembly) | | **1M** | Resistance | 1,000,000 Ohms (1 Megohm) | --- ### 2. Technical Specifications The following table highlights the core electrical and physical attributes: | Feature | Specification | | :--- | :--- | | **Resistance Value** | 1 MΩ (1 Megohm) | | **Power Rating** | 0.5W (at 70°C) | | **Resistance Tolerance** | Typically ±1% (F) or ±0.5% (D) | | **Construction** | Metal film deposited on high-grade ceramic | | **Temperature Coefficient** | Low (typically ±50ppm/°C to ±100ppm/°C) | | **Max Working Voltage** | Usually 300V - 350V | | **Mounting Type** | Through-Hole (Axial leads) | --- ### 3. Key Advantages * **Low Noise:** Metal film resistors produce significantly less "current noise" compared to carbon composition resistors, making them ideal for audio and sensitive measurement circuits. * **Miniaturization:** The "S" (Small) designation means this 0.5W resistor fits into a footprint typically reserved for 0.25W resistors. * **Stability:** Excellent resistance stability against environmental changes and aging. --- ### 4. Typical Applications * **Voltage Dividers:** Used in power supplies and sensor interfaces where precision is required. * **Audio Equipment:** High-fidelity amplifiers and signal processing. * **Testing & Measurement:** Multimeters and diagnostic tools. * **High-Impedance Circuits:** The 1MΩ value is often used for pull-up/pull-down resistors or in timing (RC) circuits.
    ✨ Follow-up Questions
    • ⤷What is the difference between MMF and MCF (Carbon Film) resistors?
    • ⤷ How do I interpret the color bands on a 1M ohm metal film resistor?
    • ⤷ What are the physical dimensions of a 50S size resistor?