Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MMT175

  • AI
    The **MMT175** typically refers to a high-performance **Triac** (Triode for Alternating Current) or a specific series of power modules designed for AC switching and phase control applications. These components are essential in industrial and consumer electronics for managing high-voltage and high-current loads. --- ### 1. Technical Specifications The following table outlines the typical electrical characteristics for a device in the MMT175 class (specific values may vary slightly by manufacturer): | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **$V_{DRM} / V_{RRM}$** | Repetitive Peak Off-State Voltage | 600V - 1600V | | **$I_{T(RMS)}$** | RMS On-State Current | 175 Amperes | | **$I_{TSM}$** | Non-repetitive Surge Peak On-State Current | ~1500A - 2000A | | **$V_{GT}$** | Gate Trigger Voltage | 1.5V - 2.5V | | **$I_{GT}$** | Gate Trigger Current | 50mA - 150mA | | **$T_j$** | Operating Junction Temperature | -40°C to +125°C | --- ### 2. Core Electronic Components & Internal Logic The MMT175 is a solid-state semiconductor device. Its internal structure consists of: * **P-N Junctions:** It functions as two silicon-controlled rectifiers (SCRs) connected in inverse-parallel (back-to-back) with a common gate. * **Gate Triggering:** The device remains in an "OFF" state until a small current pulse is applied to the Gate terminal. Once triggered, it conducts in both directions of the AC cycle. * **Thermal Management Base:** Because it handles 175A, the part usually features an isolated copper baseplate for efficient heat dissipation to a heatsink. --- ### 3. Common Applications Due to its high current rating, the MMT175 is used in heavy-duty environments: 1. **Motor Speed Control:** Used in industrial fans, pumps, and conveyors to regulate AC motor speed via phase angle control. 2. **Heating Elements:** Managing high-power resistive loads in industrial furnaces or large-scale water heaters. 3. **Light Dimming:** High-capacity architectural lighting systems. 4. **Solid State Relays (SSR):** Acts as the primary switching element within heavy-duty SSRs. --- ### 4. Circuit Example: Basic AC Switching Below is a conceptual representation of how the MMT175 (Triac) is integrated into a control circuit: ```cpp // Logic for a Microcontroller triggering an MMT175 via Opto-Isolator if (AC_Phase_Detected) { delay(calculation); // Wait for specific phase angle digitalWrite(GATE_PIN, HIGH); // Send pulse to trigger MMT175 delayMicroseconds(10); digitalWrite(GATE_PIN, LOW); } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for an MMT175 operating at full capacity?
    • ⤷ How does the MMT175 compare to an SCR in terms of AC applications?
    • ⤷ What are the common failure modes for high-current Triacs?