Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MMU01020B3003JB700

  • AI
    The **MMU01020B3003JB700** is a high-precision surface-mount resistor manufactured by **Vishay Beyschlag**. It belongs to the **MMU 0102** series, which are Professional Thin Film MELF (Metal Electrode Leadless Face) resistors. --- ### 1. Part Number Breakdown The alphanumeric code follows a specific nomenclature used by Vishay to define the component's physical and electrical characteristics: | Code Segment | Description | Details | | :--- | :--- | :--- | | **MMU 0102** | Series/Size | MELF Resistor, size 0102 (approx. 2.2mm x 1.1mm) | | **0B** | Temperature Coefficient | ±100 ppm/K (Standard stability) | | **3003** | Resistance Value | 300kΩ (300 + 3 zeros) | | **J** | Tolerance | ±5% | | **B7** | Packaging | Blister tape, 7-inch reel (3000 pieces) | | **00** | Special Code | Standard version | --- ### 2. Key Technical Specifications The MELF construction provides superior performance compared to standard thick film chip resistors in terms of stability and reliability. * **Resistance:** 300 kΩ * **Tolerance:** ± 5% * **Power Rating ($P_{70}$):** 0.3 W (Advanced power rating for its size) * **Operating Voltage:** 150 V (Maximum) * **Operating Temperature Range:** -55 °C to +155 °C * **Construction:** Thin film technology on a high-grade ceramic body with pure tin (Sn) termination. --- ### 3. Advantages of MELF Technology Unlike flat chip resistors, the MELF (cylindrical) shape offers several advantages: 1. **Thermal Dissipation:** The cylindrical surface area is larger than a flat chip of the same footprint, allowing for better heat management. 2. **Pulse Stability:** MELF resistors are much more robust against high-energy pulses and surges. 3. **Environmental Stability:** Excellent moisture resistance and long-term stability under load. --- ### 4. Common Applications Due to its reliability, this specific part is often found in: * **Industrial Electronics:** Control systems and sensors. * **Automotive:** Engine management and lighting (often AEC-Q200 qualified variants). * **Telecommunications:** Base station equipment. * **Medical Equipment:** Monitoring devices requiring long-term accuracy.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between MELF and standard SMD thick-film resistors?
    • ⤷ Can this resistor be used in high-voltage pulse applications?
    • ⤷ What is the soldering footprint recommendation for the 0102 case size?