Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MMZ2012

  • AI
    The **MMZ2012** series is a popular line of **Chip Beads (Ferrite Beads)** manufactured by TDK Corporation. These components are primarily used for noise suppression in electronic circuits, specifically targeting Electromagnetic Interference (EMI). --- ## 1. Technical Overview The MMZ2012 series is designed using a multilayer structure. Unlike a standard inductor, a chip bead is designed to behave like a resistor at high frequencies, dissipating noise energy as heat rather than reflecting it back into the circuit. ### Key Specifications | Parameter | Details | | :--- | :--- | | **Dimensions** | 2.0mm x 1.25mm (EIA 0805 case size) | | **Structure** | Multilayer Ferrite | | **Function** | EMI / RFI Suppression | | **Mounting Type** | Surface Mount (SMD) | | **Operating Temp** | -55°C to +125°C | --- ## 2. Material Varieties The "MMZ" series is unique because it offers different ferrite materials optimized for specific frequency ranges. The letter following the series name usually indicates the material type: * **S Material:** Standard type with a broad frequency response. * **Y Material:** High-frequency type, effective for wide-band noise. * **D Material:** Optimized for sharp impedance rises at specific frequencies. * **R Material:** Low DC resistance type. --- ## 3. Part Number Breakdown A typical part number like `MMZ2012S121AT000` can be decoded as follows: 1. **MMZ**: Series Name (Multilayer Chip Bead). 2. **2012**: Dimensions (2.0mm length x 1.25mm width). 3. **S**: Material Code (e.g., Standard). 4. **121**: Impedance value at 100MHz (120 Ohms). The first two digits are significant; the third is the multiplier. 5. **A**: Characteristic/Shape code. 6. **T000**: Packaging code (Taping). --- ## 4. Typical Applications The MMZ2012 series is commonly found in: * **Consumer Electronics:** Smartphones, tablets, and PCs. * **Data Lines:** Protecting USB, HDMI, and Ethernet signals from high-frequency noise. * **Power Supplies:** Filtering ripples in low-current DC power lines. * **Automotive:** (AEC-Q200 versions) used for in-car infotainment and sensor modules. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an inductor and a ferrite bead like the MMZ2012?
    • ⤷ How do I select the correct impedance value for my circuit?
    • ⤷ Does the MMZ2012 series have an automotive-grade equivalent?