Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MMZ2012D800B

  • AI
    The **MMZ2012D800B** is a High-Frequency Chip Bead manufactured by TDK. It belongs to the MMZ series, which is designed to suppress noise (electromagnetic interference - EMI) in electronic circuits without needing a ground connection. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics: | Parameter | Value / Description | | :--- | :--- | | **Series** | MMZ (Multilayer Chip Bead) | | **Case Size** | 2012 (2.0mm x 1.25mm) / EIA 0805 | | **Impedance** | 80 $\Omega$ at 100 MHz | | **DC Resistance (Max)** | 0.15 $\Omega$ | | **Rated Current (Max)** | 500 mA | | **Operating Temp** | -55°C to +125°C | | **Material Type** | D Material (High-frequency applications) | --- ### 2. Core Functionality Unlike a standard inductor which stores energy, a **Ferrite Bead** like the MMZ2012D800B acts as a frequency-dependent resistor. * **Low Frequencies:** It acts as an inductor with very low resistance, allowing the desired signal to pass through. * **High Frequencies:** It acts as a resistor, converting high-frequency noise (EMI) into a small amount of heat, effectively filtering it out of the line. --- ### 3. Key Applications Because this specific model uses **D-type material**, it is optimized for high-frequency noise suppression across a wide band. * **Signal Lines:** Used in data lines for computers, peripherals, and smartphones to ensure signal integrity. * **Power Lines:** Filtering low-current power rails to prevent noise from entering sensitive analog components. * **General EMI:** Reducing electromagnetic radiation to meet FCC/CE regulatory requirements. --- ### 4. Part Number Breakdown `MMZ` `2012` `D` `800` `B` * **MMZ:** Multilayer Chip Bead. * **2012:** Dimensions (2.0mm length x 1.25mm width). * **D:** Material code (optimizes impedance vs. frequency curve). * **800:** Impedance value (80 x 10^0 = 80 $\Omega$). * **B:** Internal characteristic or packaging code. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between D material and S material in TDK beads?
    • ⤷ Can I use this bead for a power line requiring 2A of current?
    • ⤷ How do I interpret the impedance vs. frequency curve for this part?