Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MMZ2012R102A

  • AI
    ## Technical Overview of MMZ2012R102A The **MMZ2012R102A** is a Chip Bead (Ferrite Bead) manufactured by TDK Corporation. It is designed for noise suppression in electronic circuits by acting as a lossy inductor that dissipates high-frequency noise as heat. ### 1. Key Specifications The following table outlines the critical electrical and physical characteristics of this component: | Parameter | Specification | | :--- | :--- | | **Part Number** | MMZ2012R102A | | **Impedance (at 100MHz)** | 1000 $\Omega$ (±25%) | | **DC Resistance (DCR)** | 0.50 $\Omega$ Max | | **Rated Current** | 400 mA | | **Operating Temperature** | -55°C to +125°C | | **Case Size (EIA)** | 0805 | | **Case Size (Metric)** | 2012 (2.0mm x 1.25mm) | | **Material Series** | R (Standard frequency type) | --- ### 2. Functional Characteristics The "R" material designation indicates that this bead is a **Standard Type**. Unlike specific high-frequency or high-speed materials, the R-series offers a balanced impedance curve suitable for general noise filtering. #### How it works: 1. **Low Frequencies:** It acts as a standard conductor with very low resistance (0.50 $\Omega$). 2. **High Frequencies:** The impedance rises sharply. At 100MHz, it provides 1000 $\Omega$ of resistance to the signal, effectively "choking" electromagnetic interference (EMI). --- ### 3. Application Use-Cases The MMZ2012R102A is commonly used in the following scenarios: * **Power Lines:** Filtering noise in DC power supply lines for mobile devices, laptops, and consumer electronics. * **Signal Lines:** Reducing ringing and EMI in data lines (I/O ports). * **General Purpose:** Broad-spectrum noise suppression where high impedance is required at 100MHz. --- ### 4. Comparison with Similar Components In the MMZ series, the internal material affects the impedance curve. ```python # Conceptual Comparison of TDK MMZ Materials materials = { "R-Series": "Standard frequency (General purpose)", "S-Series": "Standard frequency (Higher current capacity)", "Y-Series": "High frequency (Sharp impedance rise)", "D-Series": "High frequency (Lower impedance at low freq)" } print(f"MMZ2012R102A uses {materials['R-Series']}") ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an inductor and a ferrite bead like the MMZ2012R102A?
    • ⤷ How does temperature affect the impedance of this chip bead?
    • ⤷ What are the soldering recommendations for the 0805/2012 package size?