Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MMZ2012R102ATD25

  • AI
    The **MMZ2012R102ATD25** is a high-performance chip bead (ferrite bead) manufactured by **TDK Corporation**. It is designed for noise suppression in electronic circuits, specifically targeting electromagnetic interference (EMI). --- ## 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics. | Parameter | Value | Description | | :--- | :--- | :--- | | **Impedance** | 1000 $\Omega$ | Measured at 100 MHz | | **DC Resistance (DCR)** | 0.40 $\Omega$ (Max) | Low resistance to minimize voltage drop | | **Rated Current** | 400 mA | Maximum continuous current allowed | | **Case Size** | 2012 (Metric) / 0805 (Inch) | 2.0mm x 1.25mm footprint | | **Operating Temp** | -55°C to +125°C | Industrial grade thermal range | | **Material Series** | R Material | Optimized for wide-band noise suppression | --- ## 2. Component Structure and Material Unlike a standard inductor, a ferrite bead is designed to act as a **frequency-dependent resistor**. ### Internal Composition * **Multilayer Technology:** The component is built using a multilayer process where internal silver (Ag) conductors are layered between ferrite sheets. * **"R" Material:** TDK’s "R" material is characterized by its ability to provide high impedance over a broad frequency range, making it versatile for various noise types. ### Working Principle * **At Low Frequencies:** It acts as a near-perfect conductor with very low resistance. * **At High Frequencies:** The ferrite material converts high-frequency EMI noise into negligible amounts of heat, effectively filtering it out of the circuit. --- ## 3. Key Applications The **ATD25** suffix indicates that this part is **Automotive Grade** (AEC-Q200 compliant), making it suitable for high-reliability environments. * **Automotive Electronics:** Used in Engine Control Units (ECUs), Infotainment systems, and ADAS sensors. * **Signal Lines:** Suppressing noise on high-speed data lines to prevent data corruption. * **Power Supply Filtering:** Placed near the power pins of ICs to prevent switching noise from spreading through the PCB. * **Consumer Devices:** Used in smartphones and computers to ensure FCC/CE compliance regarding electromagnetic emissions. --- ## 4. Typical Impedance Curve (Estimated) | Frequency | Behavior | | :--- | :--- | | **10 MHz** | Low Impedance (~100-200 $\Omega$) | | **100 MHz** | Peak Impedance (1000 $\Omega$) | | **500 MHz+** | Decreasing Impedance due to parasitic capacitance | ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the 'R' and 'S' material types in TDK MMZ series?
    • ⤷ How does AEC-Q200 compliance affect the manufacturing of this specific ferrite bead?
    • ⤷ Can this part be used in power lines exceeding 1 Ampere?