Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MMZ2012S121AT

  • AI
    ## Overview of MMZ2012S121AT The **MMZ2012S121AT** is a Chip Bead (Ferrite Bead) manufactured by **TDK Corporation**. It belongs to the MMZ series, which is specifically designed for noise suppression in signal lines. These components act as a high-frequency resistor, dissipating noise as heat rather than reflecting it back into the circuit. --- ### Technical Specifications | Parameter | Value / Specification | | :--- | :--- | | **Impedance (at 100 MHz)** | 120 $\Omega$ (±25%) | | **DC Resistance (Max)** | 0.15 $\Omega$ | | **Rated Current (Max)** | 600 mA | | **Operating Temperature** | -55°C to +125°C | | **Case Size (Metric)** | 2012 (2.0 x 1.25 mm) | | **Case Size (Imperial)** | 0805 (0.08 x 0.05 inches) | | **Material Type** | Standard (S material) | --- ### Key Characteristics 1. **Impedance-Frequency Profile**: The "S" material type used in this part features a standard frequency characteristic. It provides moderate impedance across a wide range of frequencies, making it a versatile "general-purpose" filter. 2. **Multi-layer Construction**: The part is created using a multi-layering process of ferrite and conductive paste, which allows for a compact size without the need for wire winding, ensuring high reliability and stability. 3. **Noise Dissipation**: At low frequencies, the bead acts as an inductor with low resistance. At high frequencies (where noise typically resides), it transitions into a resistive state, effectively absorbing electromagnetic interference (EMI). --- ### Common Applications * **Consumer Electronics**: Used in smartphones, tablets, and personal computers. * **Peripheral Devices**: Filtering noise in USB lines, HDMI interfaces, and display panels. * **General Signal Lines**: Removing high-frequency noise from data lines to prevent signal distortion or radiated emissions. --- ### Equivalent Circuit Representation A ferrite bead is often modeled as a series combination of an Inductor ($L$), Resistor ($R$), and a parallel Capacitor ($C$): ```mermaid graph LR A[Input] --- L(Inductor) L --- R(Resistor) R --- B[Output] L -.-> C(Capacitance) R -.-> C ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between the 'S' and 'Y' material types in TDK MMZ series?
    • ⤷ How do I calculate the power dissipation of this bead in a circuit?
    • ⤷ What is the recommended soldering footprint for an 0805 chip bead?