Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MMZ2012Y102B

  • AI
    The **MMZ2012Y102B** is a high-performance **Chip Bead** (also known as a Ferrite Bead) manufactured by **TDK Corporation**. It is primarily used for noise suppression in electronic circuits by dissipating high-frequency noise as heat. --- ## 1. Technical Specifications The following table summarizes the key electrical and physical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Impedance (at 100 MHz)** | 1000 $\Omega$ (±25%) | | **DC Resistance (Max)** | 0.50 $\Omega$ | | **Rated Current** | 400 mA | | **Operating Temperature** | -55°C to +125°C | | **Case Size (EIA)** | 0805 | | **Case Size (Metric)** | 2012 (2.0mm x 1.25mm) | | **Material Type** | Y-Material (Standard type) | --- ## 2. Part Number Breakdown Understanding the nomenclature helps in identifying the specific properties of the series: 1. **MMZ**: Multilayer chip bead for general signals. 2. **2012**: Dimensions (Length 2.0mm x Width 1.25mm). 3. **Y**: Material code (Indicates the frequency characteristics/application). 4. **102**: Impedance value (First two digits are significant; third is the multiplier: $10 \times 10^2 = 1000 \Omega$). 5. **B**: Internal characteristic/Packaging code. --- ## 3. Key Functions and Applications ### Functions * **EMI Suppression:** It acts as a low-pass filter, allowing DC and low-frequency signals to pass while blocking high-frequency electromagnetic interference (EMI). * **Impedance Matching:** Used to prevent reflections in high-speed digital lines. * **Heat Dissipation:** Unlike an inductor that stores energy, a ferrite bead converts noise energy into a small amount of heat. ### Applications * **Digital Equipment:** PCs, tablets, and smartphones. * **Consumer Electronics:** Smart TVs, gaming consoles, and STBs. * **I/O Lines:** Suppression of noise on USB, HDMI, and other data interfaces. --- ## 4. Typical Impedance Graph (Conceptual) In a circuit, the impedance ($Z$) of this part increases as the frequency increases. ```markdown Frequency (MHz) | Impedance (Ohms) ----------------|---------------- 10 MHz | ~100 Ω 100 MHz | 1000 Ω (Rated) 500 MHz | ~600 Ω (Peak/Rolloff) ```
    ✨ Follow-up Questions
    • ⤷What is the difference between Y-material and S-material in TDK chip beads?
    • ⤷ How do I choose the right current rating for a ferrite bead?
    • ⤷ Can the MMZ2012Y102B be used in automotive power lines?