Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MMZ2012Y150B

  • AI
    The **MMZ2012Y150B** is a High-Frequency Chip Bead (Ferrite Bead) manufactured by TDK Corporation. It is primarily used for noise suppression in electronic circuits by absorbing high-frequency interference and converting it into heat. --- ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Part Number** | MMZ2012Y150B | | **Impedance (at 100 MHz)** | 15 $\Omega$ (±25%) | | **DC Resistance (Max)** | 0.05 $\Omega$ | | **Rated Current (Max)** | 1500 mA (1.5A) | | **Operating Temperature** | -55°C to +125°C | | **Case Size (EIA)** | 0805 | | **Case Size (Metric)** | 2012 (2.0mm x 1.25mm) | --- ### 2. Functional Characteristics * **Noise Absorption:** Unlike a standard inductor that reflects noise, this ferrite bead acts as a resistor at high frequencies, effectively dissipating electromagnetic interference (EMI). * **Material Type (Y):** The "Y" designation refers to the specific material type used in the TDK MMZ series. Material Y is designed for general-purpose noise signals and offers a balanced frequency characteristic. * **Multilayer Construction:** It is built using a multilayer process, which eliminates the need for wire winding, resulting in high reliability and a compact form factor. --- ### 3. Common Applications This specific component is used in various electronic devices to ensure electromagnetic compatibility (EMC): 1. **Consumer Electronics:** Smartphones, tablets, and laptops to prevent high-frequency noise from internal clocks affecting other components. 2. **Power Lines:** Filtering low-voltage DC power lines to reduce ripple and noise. 3. **Data Lines:** Protecting high-speed signal lines (USB, HDMI) from EMI without distorting the signal shape significantly at lower frequencies. --- ### 4. Part Number Breakdown ```text MMZ 2012 Y 150 B | | | | | | | | | +-- Internal Code/Packaging | | | +----- Impedance (150 = 15 x 10^0 = 15 Ohms) | | +-------- Material Type (General Purpose) | +------------ Dimensions (2.0mm x 1.25mm) +----------------- Series Name (Multilayer Chip Bead) ```
    ✨ Follow-up Questions
    • ⤷What is the difference between the Y material and other TDK material types like S or D?
    • ⤷ How does the impedance change as the signal frequency increases above 100MHz?
    • ⤷ Can this bead be used in high-power automotive applications?