Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MMZ2012Y152B

  • AI
    ## Detailed Analysis of MMZ2012Y152B The **MMZ2012Y152B** is a High-Frequency Chip Bead (Ferrite Bead) manufactured by **TDK Corporation**. It is primarily used for noise suppression in electronic circuits by absorbing high-frequency interference and converting it into heat. --- ### 1. Key Technical Specifications The following table summarizes the electrical and physical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Impedance (at 100MHz)** | 1500 Ω ± 25% | | **DC Resistance (Max)** | 0.40 Ω | | **Rated Current (Max)** | 500 mA | | **Operating Temperature** | -55°C to +125°C | | **Case Size (EIA)** | 0805 | | **Case Size (Metric)** | 2012 (2.0mm x 1.25mm) | | **Structure** | Multilayer | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying the specific series and capabilities: * **MMZ**: Multilayer chip bead for general signals. * **2012**: Dimensions (Length 2.0mm x Width 1.25mm). * **Y**: Material code (Indicates frequency characteristics; "Y" is typically used for wide-band noise). * **152**: Impedance value (15 followed by 2 zeros = 1500 Ω). * **B**: Internal characteristic/Packaging code. --- ### 3. Functional Application The MMZ2012Y152B acts as a low-pass filter. In low-frequency ranges, it behaves like a conductor with very low resistance. However, as the frequency increases, its impedance rises significantly to block unwanted EMI (Electromagnetic Interference). #### Common Uses: 1. **Consumer Electronics:** Mobile phones, tablets, and PCs. 2. **I/O Lines:** Noise suppression on signal lines and power supply lines of various electronic devices. 3. **Digital Circuitry:** Preventing high-speed digital noise from affecting sensitive analog components. --- ### 4. Typical Impedance vs. Frequency Curve In a typical application, the impedance of this part starts to climb rapidly after 10MHz, peaking near 100MHz-200MHz. This makes it ideal for filtering out common digital clock noise. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the 'Y' and 'S' material codes in TDK MMZ series?
    • ⤷ Can this bead be used in high-power automotive applications?
    • ⤷ How does temperature affect the 1500 Ohm impedance rating?