Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MMZ2012Y202B

  • AI
    The **MMZ2012Y202B** is a High-Frequency Chip Bead (Ferrite Bead) manufactured by **TDK Corporation**. It is primarily used for noise suppression in electronic circuits, specifically for EMI (Electromagnetic Interference) filtering. --- ### 1. Technical Specifications Below are the key electrical and physical characteristics of the component: | Parameter | Value / Description | | :--- | :--- | | **Impedance (at 100 MHz)** | 2,000 $\Omega$ (Typical) | | **Impedance Tolerance** | ±25% | | **DC Resistance (Max)** | 0.50 $\Omega$ | | **Rated Current (Max)** | 300 mA | | **Operating Temperature** | -55°C to +125°C | | **Case Size (EIA)** | 0805 | | **Case Size (Metric)** | 2012 (2.0mm x 1.25mm) | --- ### 2. Key Features and Internal Structure The MMZ series utilizes a **multilayer construction** technology, which allows for a high density of impedance in a small footprint. * **Material Classification:** The "Y" in the part number refers to the material type. "Y" material provides a broad frequency characteristic, making it versatile for various noise types. * **Non-Polarized:** As a passive component, it does not have a positive or negative orientation. * **Surface Mount (SMD):** Designed for automated pick-and-place assembly and reflow soldering. --- ### 3. Functional Application Ferrite beads like the MMZ2012Y202B act as a **low-pass filter**. They allow direct current (DC) and low-frequency signals to pass with minimal resistance, while absorbing high-frequency noise and dissipating it as heat. #### Common Use Cases: 1. **Consumer Electronics:** Mobile phones, tablets, and laptops to prevent signal interference. 2. **I/O Lines:** Filtering noise on USB, HDMI, or power supply lines. 3. **Signal Integrity:** Reducing ringing and overshoot in high-speed digital circuits. 4. **Power Supply Decoupling:** Placed in series with VCC lines to prevent noise from entering sensitive ICs. --- ### 4. Part Number Breakdown Understanding the nomenclature helps in selecting alternatives: * **MMZ:** Multilayer Chip Bead for General Signal Lines. * **2012:** Dimensions (2.0mm length x 1.2mm width). * **Y:** Material type (Standard frequency characteristics). * **202:** Impedance value ($20 \times 10^2 = 2000 \Omega$). * **B:** Internal internal designation/packaging style.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'Y' material and 'S' material in TDK MMZ beads?
    • ⤷ How does the impedance change as the frequency increases beyond 100MHz for this part?
    • ⤷ Can this bead be used in power lines requiring more than 1 Ampere?