Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MP1110-F-RV

  • AI
    The **MP1110-F-RV** is a high-performance integrated camera module, primarily recognized under the Sony FCB (Functional Camera Block) series architecture. It is designed for integration into drones, surveillance systems, and industrial inspection tools. --- ### 1. Core Electronic Specifications The internal electronics are centered around high-speed image processing and precision optical control. | Feature | Specification | | :--- | :--- | | **Image Sensor** | 1/1.2-type CMOS (Starvis Technology) | | **Effective Pixels** | Approximately 2.13 Megapixels | | **Output Resolution** | Full HD (1080p) at 60/50/30/25 fps | | **Optical Zoom** | 10x Optical Zoom | | **Interface** | Digital (LVDS) | | **Power Consumption** | Approx. 4.5W (during motor operation) | --- ### 2. Key Electronic Components & Systems #### A. The CMOS Sensor (Imaging Core) The device utilizes a **Sony Starvis** back-illuminated pixel technology sensor. Unlike standard sensors, the Starvis electronic architecture places the wiring layer below the photo-diodes, allowing more light to reach the sensor. This results in: * High sensitivity in low-light environments. * Reduced electronic noise in the signal path. #### B. The ISP (Image Signal Processor) The internal ISP handles the heavy lifting of digital signal manipulation: * **Auto-Focus (AF) Engine:** Electronically controls the lens motors based on high-frequency contrast detection. * **Electronic Image Stabilization (EIS):** Minimizes the effects of vibration by digitally shifting the image frame to compensate for movement. * **WDR (Wide Dynamic Range):** Electronically blends multiple exposures to ensure detail in both shadows and highlights. #### C. Control & Communication Electronics The module communicates via the **VISCA protocol** (TTL signal level). This allows external microcontrollers or PCs to command: * Zoom/Focus motor positions. * Electronic shutter speeds. * Gain control (ISO equivalent). #### D. Connection Interface (LVDS) The "F-RV" variant typically utilizes a **30-pin micro-coaxial connector** for LVDS (Low-Voltage Differential Signaling). This is critical for: * Maintaining high-speed data transfer of 1080p video. * Ensuring electromagnetic interference (EMI) is kept to a minimum. --- ### 3. Physical & Power Layout | Component | Description | | :--- | :--- | | **Power Input** | Typically 7.0V to 12.0V DC. | | **Dimensions** | Compact form factor (Approx. 50 x 60 x 90 mm). | | **Lens System** | Stepper-motor driven optics for precise focal length adjustments. | ---
    ✨ Follow-up Questions
    • ⤷ What are the pinout definitions for the 30-pin LVDS interface?
    • ⤷ How does the 'RV' designation differ from the standard MP1110 model?
    • ⤷ Can this module be controlled using an Arduino via the VISCA protocol?