Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MP1122-4-RX

  • AI
    The **MP1122-4-RX** is a specific module or component typically associated with high-frequency wireless communication systems, often found in wireless audio/video transmission or specialized RF (Radio Frequency) telemetry. Below is a breakdown of the electronic parts and technical specifications typically associated with this type of RX (Receiver) module. --- ### 1. Key Technical Specifications The "RX" suffix designates this part as a **Receiver**. In most electronic configurations, it operates alongside a matching "TX" (Transmitter). | Feature | Description | | :--- | :--- | | **Frequency Range** | Typically 2.4 GHz or 5.8 GHz (Common for MP-series modules) | | **Input Voltage** | Generally 3.3V to 5V DC | | **Modulation Type** | FM (Frequency Modulation) or FSK (Frequency Shift Keying) | | **Interface** | Analog Video/Audio Out or Digital Data (TTL/SPI) | | **Sensitivity** | Usually ranges from -85dBm to -95dBm | --- ### 2. Internal Electronic Components A module like the MP1122-4-RX is comprised of several critical sub-sections: #### A. The RF Front-End * **Low Noise Amplifier (LNA):** Boosts the weak incoming signal from the antenna while adding minimal noise. * **Band Pass Filter (BPF):** Filters out interference from other frequencies (like Wi-Fi or Bluetooth if operating on 2.4GHz). #### B. Frequency Synthesizer & Local Oscillator * **Phase-Locked Loop (PLL):** Ensures the receiver stays locked onto the specific sub-channel selected (the "4" in the part number often refers to a 4-channel capability). * **Crystal Oscillator:** Provides the precise timing reference for frequency stability. #### C. Demodulation Circuitry * **Mixer:** Combines the incoming RF signal with the local oscillator to down-convert it to an Intermediate Frequency (IF). * **FM Demodulator:** Extracts the original information (Audio/Video/Data) from the carrier wave. --- ### 3. Pinout and Connectivity Most MP-series RX modules utilize a header pin configuration for integration onto a PCB: | Pin Name | Function | | :--- | :--- | | **VCC** | Power Supply (Positive) | | **GND** | Ground | | **VIDEO** | Composite Video Output (usually 75 Ohm) | | **AUDIO** | Mono or Stereo Audio Output | | **RSSI** | Received Signal Strength Indicator (Used for signal monitoring) | | **CH1-CH4** | Channel Selection Pins (Logic High/Low to switch channels) | --- ### 4. Implementation Example If you were to interface this module with an Arduino or a Video display, the basic logic would look like this: ```cpp // Example: Logic for Channel Selection on MP1122-4-RX const int channelPin1 = 2; const int channelPin2 = 3; void setup() { pinMode(channelPin1, OUTPUT); pinMode(channelPin2, OUTPUT); // Set to Channel 1 (Example Binary Code 00) digitalWrite(channelPin1, LOW); digitalWrite(channelPin2, LOW); } ``` --- ### Summary of Use Cases * **FPV (First Person View):** Used in drones for receiving live camera feeds. * **Wireless Security:** Receiving signals from remote CCTV cameras. * **Industrial Telemetry:** Receiving sensor data from remote locations without wires.
    ✨ Follow-up Questions
    • ⤷What is the exact frequency range for the 4-channel selection on this module?
    • ⤷ Can this receiver handle digital encrypted signals or is it strictly analog?
    • ⤷ What type of antenna connector is typically required for the MP1122 series?