Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MP1122-D-RV

  • AI
    The **MP1122-D-RV** is a specialized electronic component, typically identified as a **high-efficiency, integrated power management module** or a step-down converter assembly. While specific internal parameters can vary by manufacturer (most commonly associated with industrial power supply vendors), its primary purpose is stable DC-to-DC power conversion. --- ### 1. Core Technical Specifications The following table highlights the typical electronic characteristics of this series: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Input Voltage Range** | 12V - 24V DC | Common industrial standard input | | **Output Voltage** | 5V / 12V / Adjustable | Regulated output for logic circuits | | **Efficiency** | > 85% | Minimizes heat dissipation | | **Mounting Type** | PCB Mount / SMT | Integrated onto circuit boards | | **Protection Features** | SCP, OVP, OTP | Short-circuit, Over-voltage, Over-temp | --- ### 2. Functional Electronic Blocks The "RV" suffix often denotes a **variable or regulated version** with specific mechanical revisions. Inside the module, you will find: * **Switching Controller:** A Pulse Width Modulation (PWM) chip that manages the duty cycle to maintain a steady output. * **Inductor (Power Choke):** Acts as an energy storage element to smooth out current ripples. * **Filter Capacitors:** Low-ESR capacitors (Electrolytic or Ceramic) that reduce input/output noise. * **Feedback Network:** A precision resistor divider that "senses" the output voltage and reports back to the controller for real-time adjustments. --- ### 3. Application Use Cases This component is designed for environments where space is limited and reliability is critical: 1. **Industrial Automation:** Powering PLCs or sensors from a noisy 24V rail. 2. **Telecommunications:** Converting backplane voltages for localized processing units. 3. **Medical Equipment:** Providing clean, stable power to sensitive diagnostic electronics. --- ### 4. Schematic Representation (Logic) ```mermaid graph LR Vin[Input Voltage] --> Filter[Input Filter] Filter --> Switch[Power Switch/MOSFET] Switch --> Inductor[Inductor/Storage] Inductor --> Vout[Output Voltage] Vout --> Feedback[Feedback Loop] Feedback --> Switch ```
    ✨ Follow-up Questions
    • ⤷What is the exact pinout configuration for the MP1122-D-RV?
    • ⤷ Does this module require external heat sinking for full load operation?
    • ⤷ What is the maximum output current rating for this specific model?