Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MP1122-U2-RV

  • AI
    The **MP1122-U2-RV** is a specific variant of an industrial-grade high-voltage power supply module, typically manufactured by companies like **Spellman High Voltage Electronics Corp**. These units are widely used in precision analytical instrumentation and medical imaging. --- ## 1. Core Technical Specifications The MP series is characterized by its compact, PCB-mount design and high stability. | Parameter | Specification (Typical) | | :--- | :--- | | **Output Voltage** | 0 to 2,000V (2kV) | | **Output Current** | 0 to 500µA | | **Input Voltage** | +24V DC (±10%) | | **Polarity** | Reversible (indicated by "RV") | | **Control Interface** | Analog (0-10V or 0-5V) | | **Stability** | <0.01% per hour | --- ## 2. Key Electronic Components & Subsystems The MP1122-U2-RV utilizes several sophisticated electronic stages to convert low DC voltage into stable high-voltage DC: ### A. Power Conversion Stage (DC-DC Converter) * **PWM Controller:** Manages the switching frequency to ensure efficient energy transfer. * **Switching MOSFETs:** High-speed transistors that drive the primary side of the high-voltage transformer. ### B. High Voltage Generation * **Step-up Transformer:** A specialized ferrite core transformer designed for high insulation resistance to prevent internal arcing. * **Cockcroft-Walton Multiplier:** A ladder network of high-voltage **Diodes** and **Capacitors** that rectifies and multiplies the AC voltage from the transformer into the final DC output. ### C. Feedback and Control Logic * **Voltage Divider:** A high-precision, high-impedance resistor network that scales the output voltage down to a measurable low-level signal (e.g., 0-10V). * **Error Amplifier:** An operational amplifier (Op-Amp) that compares the feedback signal with the user-defined reference signal to adjust the PWM duty cycle, maintaining a constant output. --- ## 3. Function of the "RV" Suffix The **-RV** designation is critical. It indicates **Remote Reversibility**. * **Electronic Polarity Switching:** Unlike standard modules that are fixed positive or negative, this part contains an internal high-voltage switch or relay. * **Control Signal:** A logic-level signal (usually TTL) allows the user to switch the output between Positive (+) and Negative (-) without changing physical wiring. --- ## 4. Common Applications Due to its precision and reversible nature, this part is found in: 1. **Mass Spectrometry:** For ion acceleration and detection. 2. **Photomultiplier Tubes (PMT):** Providing clean, low-noise bias voltage. 3. **Electrostatic Lenses:** Precise focusing of charged particle beams. 4. **Capillary Electrophoresis:** Where polarity switching is required for different chemical separations. ---
    ✨ Follow-up Questions
    • ⤷What are the pinout configurations for the MP1122 control interface?
    • ⤷ How does the 'U2' designation differ from other models in the MP series?
    • ⤷ What are the safety precautions required when mounting this PCB module?