Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MP1200-0L-RV

  • AI
    The **MP1200-0L-RV** is a specialized high-voltage power module commonly associated with industrial applications, medical equipment (like X-ray systems), or scientific research instruments. It is part of a series designed to provide stable, regulated high voltage from a low-voltage input. --- ### 1. Technical Specifications Below are the typical electronic characteristics for the MP1200 series modules: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | Typically 24VDC ± 10% | | **Output Voltage** | 0 to 1200V (Adjustable) | | **Output Current** | ~8.3mA (varies by power rating) | | **Power Rating** | 10W (standard for this frame size) | | **Control Interface** | Analog (0-5V or 0-10V for programming) | | **Regulation** | Load: <0.01%, Line: <0.01% | | **Ripple/Noise** | <100mV peak-to-peak | --- ### 2. Key Electronic Components & Subsystems The MP1200-0L-RV utilizes a sophisticated internal architecture to manage high-voltage generation safely: #### A. DC-to-DC Converter Topology * **Resonant Converter:** Most modules of this type use a resonant or quasi-resonant switching topology to minimize Electromagnetic Interference (EMI) and maximize efficiency. * **Step-up Transformer:** A high-frequency ferrite core transformer increases the low-level DC input to a high-voltage AC signal. #### B. The Multiplier Chain (Cockcroft-Walton) * The output stage consists of a **diode-capacitor ladder network**. This rectifies the AC from the transformer and "pumps" the voltage up to the final 1200V level. * **Components:** High-voltage ceramic capacitors and ultra-fast recovery rectifiers. #### C. Control & Feedback Loop * **Precision Voltage Divider:** A high-impedance resistor string samples the output voltage to provide feedback. * **Error Amplifier:** Compares the feedback signal against the user-provided "Reference Voltage" (RV). It adjusts the PWM (Pulse Width Modulation) duty cycle to maintain the target output despite load changes. #### D. Protection Circuitry * **Current Limiting:** Protects the module against short circuits or arcing. * **Arc Protection:** Specialized damping resistors to prevent internal damage during high-voltage discharge events. --- ### 3. Pinout and Interface Definitions The "RV" suffix typically denotes **Remote Voltage** programming. | Pin Type | Description | | :--- | :--- | | **Input Power** | +24VDC and Power Ground. | | **Control (RV)** | 0-5V input to set the output from 0V to 1200V. | | **Monitor (VMON)** | 0-5V output providing a scaled reading of the actual high voltage. | | **Reference** | A precision +5V output provided by the module to be used with external potentiometers. | | **HV Return** | The dedicated ground for the high-voltage output (must be kept separate from logic ground to avoid noise). | --- ### 4. Application Safety Note > [!WARNING] > The MP1200-0L-RV outputs **1200V DC**. Even at low currents, this voltage can be lethal. Ensure proper creepage and clearance distances (PCB spacing) and use appropriately rated high-voltage cabling.
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting requirements for the MP1200-0L-RV to prevent arcing?
    • ⤷ How do I calculate the external resistor needed for the RV control pin?
    • ⤷ Can this module be used in a bipolar configuration?