Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MP1200-3-RX

  • AI
    The **MP1200-3-RX** is a specialized high-power electronic module, typically functioning as a **Modular Power Supply / Rectifier unit**. It is widely used in industrial automation, telecommunications, and high-capacity battery charging systems. Below is a breakdown of its electronic components and characteristics. --- ### 1. General Specifications The "MP" series usually refers to modular power architectures. The "RX" suffix often denotes a **Rectifier** or **Receiver** module designed to plug into a larger chassis or subrack. | Parameter | Typical Value / Description | | :--- | :--- | | **Input Voltage** | AC 100V - 240V (Auto-ranging) | | **Output Voltage** | Typically 12V, 24V, or 48V DC (Application dependent) | | **Power Rating** | 1200 Watts | | **Efficiency** | Often >90% (80 Plus Gold/Platinum equivalent) | | **Form Factor** | Hot-swappable Plug-in Module | --- ### 2. Key Electronic Sections The internal circuitry is divided into several critical stages: #### A. Input Protection & EMI Filter * **Varistors (MOVs):** Protect against voltage surges. * **Common Mode Chokes:** Filter out Electromagnetic Interference (EMI). * **Bridge Rectifier:** Converts incoming AC to pulsating DC. #### B. Power Factor Correction (PFC) * **Active PFC Circuit:** Uses high-speed MOSFETs and a large inductor to ensure the current waveform matches the voltage waveform, improving energy efficiency and reducing harmonics. #### C. DC-DC Converter (Switching Stage) * **PWM Controller:** A specialized IC that manages the switching frequency (usually between 50kHz to 200kHz). * **Main Transformer:** A ferrite-core high-frequency transformer that provides galvanic isolation between input and output. * **Power MOSFETs/IGBTs:** The "heart" of the device that handles the high-power switching. #### D. Output Rectification & Filtering * **Schottky Diodes or Synchronous Rectifiers:** Converts the high-frequency AC from the transformer back to DC. * **Electrolytic & Polymer Capacitors:** Smooth the DC ripple to provide a stable voltage. --- ### 3. Monitoring and Interface Components The **-RX** designation often implies advanced communication features for remote management: * **Microcontroller (MCU):** Manages internal logic, thermal protection, and fault detection. * **I2C / PMBus Interface:** Allows the system controller to read real-time data such as current draw, temperature, and fan speed. * **Hot-Swap Controller:** Protects the pins and internal components when the module is plugged in while the backplane is live. --- ### 4. Thermal Management Since the module handles 1200W, heat dissipation is critical: * **Internal NTC Thermistors:** Monitor temperature to trigger shut-down if overheating occurs. * **Variable Speed Fan:** Controlled by the internal MCU based on load. * **Heat Sinks:** Massive aluminum or copper blocks attached to the MOSFETs and rectifiers. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific output voltage rating for your MP1200-3-RX variant?
    • ⤷ Does your application require PMBus communication for monitoring?
    • ⤷ Are you looking for a pinout diagram for the rear connector?