Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MP1202-3L-RX

  • AI
    The **MP1202-3L-RX** refers to a high-performance, integrated magnetic sensor module, typically used in automotive and industrial applications for position sensing. It is part of the MagAlpha family designed by Monolithic Power Systems (MPS). --- ### ## Technical Specifications The following table summarizes the key electronic characteristics of the MP1202-3L-RX: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Sensor Type** | Hall Effect (MagAlpha) | Detects the magnetic field of a rotating magnet. | | **Resolution** | 12-bit | Provides 4096 positions per revolution. | | **Supply Voltage (VDD)** | 3.3V (Typical) | Operates within standard low-voltage logic levels. | | **Output Interface** | SPI / PWM / ABZ | Supports Serial Peripheral Interface and Incremental Encoder outputs. | | **Sampling Rate** | Up to 1 MHz | High-speed tracking for fast-moving mechanical parts. | | **Package** | QFN-16 (3x3mm) | Ultra-compact surface mount design. | --- ### ## Internal Architecture & Components The MP1202 series integrates several critical electronic stages into a single silicon die: 1. **Hall Element Array**: A circular array of Hall plates that detect the orthogonal components of a magnetic field (Sine and Cosine). 2. **Analog Front-End (AFE)**: Amplifies the microvolt signals from the Hall sensors and filters out noise. 3. **CORDIC Processor**: A digital logic block that calculates the angle from the Sine/Cosine vectors using trigonometric algorithms. 4. **Non-Volatile Memory (NVM)**: Stores configuration settings, such as zero-point offset and magnetic field thresholds. 5. **Output Drivers**: Converts the calculated angle into digital protocols like SPI or pulse-width modulation (PWM). --- ### ## Operational Features * **Side-Shaft & End-of-Shaft Support**: The MP1202 can detect magnets placed at the end of a motor shaft or along the side (off-axis). * **Latency Control**: It features ultra-low latency (typically < 3µs), which is crucial for high-speed motor control loops. * **Magnetic Field Strength Detection**: It includes a diagnostic feature to alert the system if the magnet is too far away or too close (magnetic field out of range). --- ### ## Typical Application Circuit When designing a PCB for the MP1202-3L-RX, the following components are usually required: ```mermaid graph LR VCC(3.3V) -->|Decoupling Cap 100nF| VDD_Pin GND --> VSS_Pin Microcontroller <-->|SPI Bus| MP1202 Magnet -->|Flux| Hall_Array ``` * **Bypass Capacitors**: A 100nF ceramic capacitor is mandatory between VDD and GND to filter high-frequency noise. * **Pull-up Resistors**: If using the SPI interface in a multi-slave environment, pull-up resistors on the MISO line may be required depending on the MCU. ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between the SPI and PWM output modes for this sensor?
    • ⤷ How do I calibrate the zero-point offset in the MP1202?
    • ⤷ What is the recommended magnet type and distance for optimal 12-bit accuracy?