Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MP1203-8-RX

  • AI
    The **MP1203-8-RX** is an infrared (IR) receiver module typically used in remote control systems. It is designed to receive modulated IR signals (usually at a specific carrier frequency) and convert them into electrical pulses that a microcontroller can interpret. --- ## 1. Technical Specifications Below are the typical electrical characteristics for this class of IR receiver: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Operating Voltage (Vcc)** | 2.7 to 5.5 | Volts | | **Carrier Frequency** | 38 (Standard) | kHz | | **Reception Distance** | 10 - 15 | Meters | | **Reception Angle** | ±45 | Degrees | | **Power Consumption** | 0.4 - 1.5 | mA | | **Output Logic** | Active Low | - | --- ## 2. Pin Configuration The module generally features three pins. While the physical layout can vary by manufacturer, the standard configuration is: 1. **OUT (Signal):** The demodulated output signal. Connects to a GPIO pin on a microcontroller. 2. **GND (Ground):** The 0V reference point. 3. **VCC (Power):** The positive supply voltage (usually 3.3V or 5V). --- ## 3. Internal Components & Logic The MP1203-8-RX is not just a phototransistor; it is an integrated circuit (IC) that contains several stages of signal processing: ### A. Photo Diode The "eye" of the component that detects infrared light in the 940nm wavelength range. ### B. Automatic Gain Control (AGC) This circuit adjusts the sensitivity of the receiver to compensate for ambient light noise (like sunlight or fluorescent lamps) to prevent false triggering. ### C. Band Pass Filter This is the most critical part. It filters out all signals except for those oscillating at the specific carrier frequency (e.g., 38kHz). This allows multiple IR devices to exist in one room without interfering with each other unless they share the same frequency. ### D. Demodulator The carrier frequency is "stripped" away. If a 38kHz signal is detected, the `OUT` pin goes **LOW**. If no signal is detected, the `OUT` pin stays **HIGH**. --- ## 4. Basic Connection Example To use this with an Arduino or similar microcontroller, you would follow this logic: ```cpp // Basic Logic for Reading IR int irPin = 2; // Connected to OUT pin void setup() { pinMode(irPin, INPUT); Serial.begin(9600); } void loop() { int signal = digitalRead(irPin); if (signal == LOW) { // IR signal detected (Carrier 38kHz present) Serial.println("Signal Received"); } } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact carrier frequency of the MP1203-8-RX variant?
    • ⤷ How do I add a noise filter to the power supply of this IR receiver?
    • ⤷ Can this module be used for high-speed data transfer or only remote control signals?