Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MP1210-2L-RV

  • AI
    The **MP1210-2L-RV** is a specialized electronic component primarily categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are designed to store energy in a magnetic field and are crucial for voltage regulation and filtering in power management circuits. --- ### 1. Key Technical Specifications Based on the standard nomenclature for the MP1210 series, here are the typical technical characteristics: | Property | Value (Typical) | Description | | :--- | :--- | :--- | | **Inductance** | 1.0 µH to 10 µH | Depends on specific sub-rating | | **Case Size** | 1210 (EIA) / 3225 (Metric) | Dimensions: 3.2mm x 2.5mm | | **Mounting Type** | Surface Mount (SMD/SMT) | Automated PCB assembly compatible | | **Core Material** | Ferrite or Metal Alloy | High efficiency and saturation resistance | | **Shielding** | Magnetically Shielded | Reduces Electromagnetic Interference (EMI) | --- ### 2. Breakdown of the Part Number The alphanumeric code provides specific details about the component's construction: * **MP:** Series prefix (typically stands for Molded Power or Metal Powder Inductor). * **1210:** The physical dimensions (3.2mm length by 2.5mm width). * **2L:** Often refers to the height profile (e.g., 2.0mm) or specific winding layers. * **RV:** Indicates compliance standards or specific material formulations (e.g., RoHS compliant, Low Resistance, or Vibration resistant). --- ### 3. Common Applications These inductors are found in circuits where space is limited but power efficiency is critical: 1. **DC-DC Converters:** Used in "Buck" or "Boost" converters to stabilize output voltage. 2. **Mobile Electronics:** Found in smartphones and tablets due to the compact 1210 footprint. 3. **Noise Filtering:** Acting as a low-pass filter to remove high-frequency noise from power lines. 4. **LED Drivers:** Managing current flow to ensure consistent brightness and longevity of LEDs. --- ### 4. Typical Internal Construction ```markdown [ Coil Winding ] <--> [ Ferrite/Metal Core ] <--> [ Solder Terminals ] ^ ^ ^ Conducts Current Stores Magnetic Flux Connects to PCB ``` ---
    ✨ Follow-up Questions
    • ⤷What are the maximum current ratings for the MP1210 series?
    • ⤷ How does a shielded inductor compare to an unshielded one in EMI-sensitive designs?
    • ⤷ What is the operating temperature range for this component?