Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MP1210-3-RV

  • AI
    The **MP1210-3-RV** is a specific electronic component typically categorized as a **High-Power Current Sense Transformer**. These components are essential in power electronics for monitoring, controlling, and protecting circuits by converting high primary currents into manageable signals. --- ## 1. Technical Specifications The MP1210 series is designed for high-frequency applications, typically used in Switch Mode Power Supplies (SMPS). | Feature | Description | | :--- | :--- | | **Component Type** | Current Sense Transformer | | **Turns Ratio** | 1:100 (Common for this series) | | **Max Primary Current** | ~10A to 20A (depending on mounting) | | **Frequency Range** | 50 kHz to 1 MHz | | **Isolation Voltage** | 500V to 1500V AC | | **Secondary Resistance** | Low DCR for accuracy | --- ## 2. Core Components & Construction The MP1210-3-RV consists of several key electronic elements: ### A. Magnetic Core * **Material:** Usually high-permeability Ferrite. * **Function:** It concentrates the magnetic flux generated by the primary conductor to induce a proportional voltage in the secondary winding. ### B. Windings * **Primary:** Often a single turn (the wire carrying the current to be measured passes through the center). * **Secondary:** Multiple turns of fine copper wire (e.g., 100 turns) that output a smaller, measurable current. ### C. Termination (RV Suffix) * The "RV" suffix typically denotes the **Vertical Mount** configuration or a specific RoHS-compliant version with radial leads, allowing it to occupy a smaller footprint on a Printed Circuit Board (PCB). --- ## 3. How it Works (The Circuit) To use the MP1210-3-RV, a **burden resistor** ($R_b$) must be placed across the secondary terminals. ### The Formula: The output voltage ($V_{out}$) is calculated as: `V_out = (I_primary / N) * R_burden` *Where N = Turns Ratio (e.g., 100)* --- ## 4. Common Applications 1. **Overload Protection:** Detecting if a motor or power supply is drawing too much current to trigger a shutdown. 2. **Current Monitoring:** Providing feedback to a microcontroller (via an ADC) to display real-time power usage. 3. **Switching Power Supplies:** Measuring the current in the primary side of a transformer to regulate the output voltage. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the MP1210-3-RV?
    • ⤷ How do I calculate the correct burden resistor value for this transformer?
    • ⤷ What are the advantages of using a current sense transformer over a shunt resistor?