Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MP1222-0-RV

  • AI
    The **MP1222-0-RV** is an electronic component primarily associated with power induction and noise suppression, typically utilized in high-frequency applications. Based on the part numbering convention, it is an **Unshielded Power Inductor** (often referred to as a "rod-core" or "bobbin" inductor) designed for high current handling. --- ### Technical Specifications Overview | Feature | Description | | :--- | :--- | | **Component Type** | Power Inductor / Choke | | **Core Material** | Ferrite (typically Nickel-Zinc for high-frequency performance) | | **Configuration** | Through-hole (Radial/Vertical mounting) | | **Core Shape** | Rod or Bobbin Core | | **Main Function** | Energy storage, signal filtering, and RFI/EMI suppression | ### Key Electronic Attributes #### 1. Inductance & Impedance The "1222" designation usually refers to the physical dimensions or a specific inductance code depending on the manufacturer (often associated with brands like *Fastron* or *Cyntec*). These parts are designed to maintain stable inductance even under high DC bias currents. #### 2. Saturation Current ($I_{sat}$) Due to the open-magnetic-circuit design (unshielded), these inductors have a high saturation point. This means they can handle significant current spikes without the ferrite core losing its magnetic properties. #### 3. EMI Suppression The "RV" suffix often indicates **Radial Vertical** mounting. While unshielded inductors emit more electromagnetic interference (EMI) than shielded ones, they are excellent for filtering noise out of power lines where space for a vertical component is available. --- ### Typical Applications * **Switching Regulators:** Used in buck or boost converters to store energy. * **Power Supplies:** Acts as a filter to smooth out ripple voltage. * **EMI/RFI Filtering:** Suppressing high-frequency noise in consumer electronics and industrial equipment. * **DC-DC Converters:** Integrated into circuits requiring compact, high-current power handling. ### Physical Construction * **Winding:** Copper wire wound around a cylindrical ferrite core. * **Coating:** Often shrink-wrapped or coated in UL-recognized polyolefin tubing for insulation and mechanical protection. * **Termination:** Tin-plated leads for easy soldering onto Printed Circuit Boards (PCBs).
    ✨ Follow-up Questions
    • ⤷ What are the specific inductance and current ratings for the MP1222-0-RV?
    • ⤷ How does an unshielded inductor compare to a shielded one in terms of EMI?
    • ⤷ What are the PCB footprint dimensions for the 'RV' mounting style?