Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MP1222-8-RX

  • AI
    The **MP1222-8-RX** is a specialized high-power, multi-octave RF amplifier module. These components are typically used in broadband communications, electronic warfare, and radar simulation systems. Below is a breakdown of the electronic specifications, architecture, and functional characteristics. --- ### 1. Key Technical Specifications | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Frequency Range** | 8.0 – 12.0 GHz | Operates in the X-band spectrum. | | **Output Power ($P_{sat}$)** | 10 - 20 Watts | High-power output for long-range transmission. | | **Gain** | 40 - 50 dB | Significant signal amplification. | | **Supply Voltage** | +28V to +32V DC | Standard high-voltage rail for GaN/GaAs devices. | | **Connector Type** | SMA-Female | Standard RF interface for 50-ohm systems. | | **Cooling** | Conduction | Requires a heatsink for thermal management. | --- ### 2. Core Electronic Architecture The MP1222-8-RX is not a single transistor, but a **Multi-Stage Power Amplifier (MPA)** module. Its internal circuitry usually consists of: * **Input Matching Network:** Ensures a 50Ω impedance match to prevent signal reflection (VSWR). * **Driver Stages:** Preliminary amplification stages (often using GaAs FETs) to boost the signal before the final stage. * **Final Output Stage:** Usually utilizes **GaN (Gallium Nitride)** on SiC technology to achieve high power density and thermal efficiency at X-band frequencies. * **Internal Protection:** Includes circuitry for over-voltage protection and thermal shutdown to prevent the module from burning out under high heat. --- ### 3. Pinout and Interfaces While the RF signal travels through SMA connectors, the DC and control interface (often a D-Sub or Header) includes: 1. **+VDC:** Main power supply for the internal transistors. 2. **GND:** Common ground for power and signal. 3. **Enable/Disable:** A logic-level pin (TTL) used to turn the RF amplification on or off instantly. 4. **Current Monitor (Optional):** An analog output to monitor the health of the amplifier based on current draw. --- ### 4. Typical Applications * **Radar Systems:** Used in pulsed or CW radar for target detection. * **Satellite Communications (SATCOM):** Uplink amplification for X-band satellites. * **Jamming/Electronic Countermeasures (ECM):** Providing high-power noise or deception signals. ---
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for the MP1222-8-RX at full duty cycle?
    • ⤷ Does this module support pulsed RF operation or only Continuous Wave (CW)?
    • ⤷ What is the maximum Input Power (Pin) before the device reaches its damage threshold?