Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MP1223-0-RX

  • AI
    The **MP1223-0-RX** is an electronic component typically categorized as a **Surface Mount (SMD) Power Inductor** or a specialized **magnetic component** often used in high-frequency power conversion applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Technical Specifications The following table outlines the typical parameters for this series of components: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Power Inductor / Magnetic Module | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Inductance** | Variable (based on specific dash suffix) | | **Current Rating** | High Saturation Current capability | | **Core Material** | Ferrite or Composite Powder | | **Operating Temperature** | -40°C to +125°C | | **Shielding** | Magnetically Shielded | --- ## 2. Key Internal Electronic Parts The MP1223-0-RX is composed of several critical materials that define its performance: 1. **Winding Wire:** Usually high-purity copper wire with a specialized insulation coating (enameled) to prevent short circuits while maintaining low DC resistance (DCR). 2. **Magnetic Core:** A ferrite or iron-powder core designed to store energy in the form of a magnetic field. The "RX" designation often refers to specific RoHS compliance or lead-free terminations. 3. **Termination Pads:** Tin-plated or Gold-plated solder pads designed for reflow soldering processes. These provide the electrical interface between the component and the PCB. 4. **Encapsulation/Case:** A molded resin or shielded metallic case that protects the internal coil and minimizes Electromagnetic Interference (EMI). --- ## 3. Applications and Circuit Use This component is primarily found in the following electronic environments: ### Power Management Used in **DC-DC Converters** (Buck, Boost, or Buck-Boost) to smooth out current ripples and store energy during the switching cycle. ### Filtering Acts as a low-pass filter in power supply lines to suppress high-frequency noise and prevent interference with sensitive analog components. ### Examples of Use: * Laptop and Tablet motherboards. * Battery management systems (BMS). * High-efficiency LED drivers. --- ## 4. Part Number Breakdown (Typical) While naming conventions vary by manufacturer, the code usually follows this logic: * **MP:** Series identifier (e.g., Magnetic Power). * **1223:** Physical dimensions (often 12mm x 12mm x 3mm). * **0:** Variation or tolerance code. * **RX:** Packaging type (e.g., Tape and Reel) or Environmental compliance (RoHS).
    ✨ Follow-up Questions
    • ⤷ What are the specific inductance values available for the MP1223 series?
    • ⤷ How does the saturation current affect the performance of this inductor?
    • ⤷ Is there a recommended footprint or landing pattern for the MP1223-0-RX?