Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MP1223-2-RX

  • AI
    The **MP1223-2-RX** is a specialized electronic component, typically identified as a **high-precision, high-voltage resistive divider network**. These components are frequently used in precision measurement equipment and power supply monitoring. --- ### 1. Key Technical Specifications Below are the general characteristics typically associated with the MP1223 series: | Feature | Description | | :--- | :--- | | **Component Type** | Precision Matched Resistor Network / Divider | | **Configuration** | 2-Resistor Network (Voltage Divider) | | **Resistance Ratio** | High-precision ratio (e.g., 100:1 or 1000:1) | | **Tolerance** | Very tight (often 0.1% to 0.01% matching) | | **Temperature Coefficient** | Extremely low (5 ppm/°C to 25 ppm/°C) | | **Voltage Rating** | High-voltage capability (often up to 10kV+) | --- ### 2. Functional Electronic Parts & Design #### A. Substrate Material The device is usually built on a **High-Purity Alumina (Ceramic)** substrate. This provides: - Superior thermal dissipation. - High dielectric strength to prevent arcing under high voltage. - Mechanical stability for precision laser trimming. #### B. Resistor Film (Thin/Thick Film) - **Material:** Typically a Metal Oxide or Cermet film. - **Laser Trimming:** The "RX" designation often implies a specific resistance value or a custom-trimmed ratio. Manufacturers use lasers to cut "L-shaped" notches into the film to achieve exact resistance values. #### C. Encapsulation/Coating - The part is coated with a **Silicone or Epoxy conformal coating**. - This protects the sensitive resistive elements from moisture, dust, and ionic contamination, which could cause "leakage currents" and ruin the precision of the high-voltage measurement. --- ### 3. Application Circuit Example The MP1223-2-RX is used to step down a high voltage ($V_{in}$) to a measurable low voltage ($V_{out}$) for an Analog-to-Digital Converter (ADC) or a Voltmeter. ```text Vin (+) ----[ R1 ]----+---- Vout (To Measurement) | [ R2 ] | GND ------------------+---- GND ``` **Key Electronic Characteristics in Circuit:** * **Voltage Division:** $V_{out} = V_{in} \times \frac{R2}{R1 + R2}$ * **Ratio Stability:** The "2-RX" part of the code ensures that $R1$ and $R2$ drift at the same rate when the temperature changes, keeping the output voltage accurate. --- ### 4. Typical Use Cases 1. **Medical Equipment:** X-ray machine power supply monitoring. 2. **Industrial:** Electrostatic precipitators and high-voltage motor drives. 3. **Laboratory:** Precision high-voltage DC power supplies and calibration standards.
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage rating for the MP1223 series?
    • ⤷ How does the temperature coefficient of the MP1223-2-RX affect measurement accuracy?
    • ⤷ Can this component be used in AC high-voltage applications?