Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MP1413-0-RV

  • AI
    The **MP1413-0-RV** (often referred to within industrial and consumer electronics contexts as part of the MP1413 series) is typically a **Step-Down (Buck) Converter** or a specialized high-voltage regulator component. Below is a breakdown of its core electronic characteristics, specifications, and typical application structure. --- ### 1. Key Technical Specifications While specific suffix variations (like -0-RV) can indicate packaging or specific voltage trim levels, the general specifications for the MP1413 series are as follows: | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | 4.5V to 18V (Standard logic/battery levels) | | **Output Current** | Up to 2A - 3A | | **Switching Frequency** | ~380 kHz to 500 kHz | | **Efficiency** | Up to 93% | | **Package Type** | SOIC-8 or QFN (Small Outline) | | **Protection Features** | Over-Current, Thermal Shutdown, Short Circuit | --- ### 2. Functional Electronic Sections To understand how this part functions, it is divided into several internal sub-circuits: 1. **Internal Power MOSFET:** The "Switch" that turns the input voltage on and off rapidly to create a lower average output voltage. 2. **Error Amplifier:** Compares the feedback voltage from the output against an internal reference (usually ~0.8V or 0.92V) to maintain stability. 3. **PWM Controller:** Pulse Width Modulation controller that dictates how long the MOSFET stays "On" versus "Off." 4. **Soft-Start Circuit:** Prevents a massive current surge when the device is first turned on, protecting the power source. --- ### 3. Application Circuit Components To make the MP1413-0-RV operational, you must connect specific external components. Below is a representation of a standard implementation: ```cpp // Typical Hardware Logic / Connection Flow [Input Voltage (Vin)] -> [Input Capacitor (Cin)] -> [MP1413 (Pin 2)] [MP1413 (SW Pin)] -> [Inductor (L1)] -> [Output Voltage (Vout)] [Vout] -> [Feedback Resistor Network] -> [MP1413 (FB Pin)] [GND] -> [Common Ground Rail] ``` --- ### 4. Common Use Cases * **Distributed Power Systems:** Converting a 12V rail down to 5V or 3.3V for microcontrollers. * **Networking Equipment:** Routers and switches that require high-efficiency thermal management. * **Consumer Electronics:** LCD Monitors, Set-top boxes, and DVD players. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout differences for the -RV suffix compared to the standard model?
    • ⤷ Can you provide a recommended inductor value for a 12V to 5V conversion using this part?
    • ⤷ How does the MP1413 handle thermal dissipation under a full 2A load?