Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MP1610-AB-RX

  • AI
    The **MP1610-AB-RX** is an electronic component primarily associated with **RF (Radio Frequency) communication modules**, specifically those operating in the sub-GHz range. These modules are often used in remote control systems, security alarms, and wireless data transmission. --- ### 1. Key Technical Specifications While specific datasheets can vary by manufacturer (often associated with brands like *Microprop* or specialized RF solution providers), the "AB-RX" suffix typically denotes an **Amplitute Shift Keying (ASK) Receiver**. | Parameter | Typical Value / Range | | :--- | :--- | | **Operating Frequency** | 315 MHz or 433.92 MHz (Region dependent) | | **Modulation Type** | ASK / OOK (On-Off Keying) | | **Operating Voltage** | 3.3V to 5.5V DC | | **Sensitivity** | -105 dBm to -110 dBm | | **Data Rate** | Up to 10 Kbps | | **Interface** | Digital Data Output (TTL Level) | --- ### 2. Functional Blocks The internal circuitry of the MP1610-AB-RX generally consists of the following stages: 1. **LNA (Low Noise Amplifier):** Amplifies the weak radio signal received from the antenna. 2. **Mixer & Local Oscillator:** Converts the high-frequency RF signal down to an Intermediate Frequency (IF). 3. **Data Slicer:** Converts the analog demodulated signal into a clean square-wave digital signal (1s and 0s) for a microcontroller. 4. **Automatic Gain Control (AGC):** Adjusts the gain to maintain signal stability despite varying distances between the transmitter and receiver. --- ### 3. Pinout Configuration (Standard 4-Pin) Most modules in this series utilize a standard 4-pin SIP (Single In-line Package) layout: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **VCC** | Positive Supply Voltage | | 2 | **DATA** | Digital Output Signal (To MCU) | | 3 | **DATA** | Duplicate Data Pin (or NC in some versions) | | 4 | **GND** | Ground | | *Pad* | **ANT** | Antenna Connection (usually a 17cm wire for 433MHz) | --- ### 4. Application Integration Example To use this part, you would typically interface it with an Arduino or an ESP32. ```cpp // Basic Arduino Snippet to read Receiver Data const int rxPin = 2; // Data pin connected to Digital 2 void setup() { pinMode(rxPin, INPUT); Serial.begin(9600); } void loop() { int sensorValue = digitalRead(rxPin); // Process the binary pulses from the MP1610 if(sensorValue == HIGH) { // Logic for received signal } } ``` --- ### 5. Common Use Cases * **Garage Door Openers:** Receiving the signal from a handheld remote. * **Wireless Doorbell:** Triggering a chime when the button is pressed. * **IoT Sensors:** Collecting data from simple battery-powered temperature sensors. * **Smart Home:** Interfacing with legacy 433MHz smart plugs.
    ✨ Follow-up Questions
    • ⤷ How does the MP1610-AB-RX compare to Superheterodyne receivers?
    • ⤷ What length of antenna is recommended for the 433MHz version of this module?
    • ⤷ Can this module be used for bidirectional communication?