Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MP1622-A5-RX

  • AI
    The **MP1622-A5-RX** is a specialized high-frequency, synchronous, rectified, step-down (buck) switch-mode converter. It is part of a family of power management ICs designed by Monolithic Power Systems (MPS) to provide a compact and efficient power solution. --- ### ## Technical Specifications Below are the primary electrical characteristics and parameters for this component: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 4V to 16V | | **Output Voltage Range** | 0.6V to Input Voltage (Adjustable) | | **Continuous Output Current** | Up to 2A | | **Switching Frequency** | 1.5 MHz (Typical) | | **Efficiency** | Up to 95% | | **Package Type** | SOT23-6 or similar compact footprint | --- ### ## Key Electronic Components & Features The "A5" and "RX" suffixes usually denote specific internal configurations or packaging options. The internal architecture consists of several critical stages: 1. **Integrated MOSFETs**: It contains both a high-side and a low-side power MOSFET. This "synchronous" design eliminates the need for an external Schottky diode, reducing PCB space and improving thermal efficiency. 2. **Constant-On-Time (COT) Control**: This provides a very fast transient response. It allows the IC to react almost instantly to sudden changes in the load current without complex compensation networks. 3. **Internal Soft-Start**: Prevents large inrush currents during startup, protecting both the IC and the battery/input source. 4. **Protection Circuitry**: * **OCP (Over-Current Protection)**: Hiccup mode to prevent damage during shorts. * **OTP (Over-Temperature Protection)**: Shuts down the device if it exceeds safe thermal limits. * **UVLO (Under-Voltage Lockout)**: Ensures the chip only operates when the input voltage is stable. --- ### ## Typical Application Circuit To function, the MP1622 requires a few external passive components: | Component | Function | | :--- | :--- | | **Inductor (L)** | Stores energy during the switching cycle. Usually 1.0µH to 2.2µH. | | **Input Capacitor (Cin)** | Filters the input voltage and handles ripple current. | | **Output Capacitor (Cout)** | Smooths the output voltage and maintains stability. | | **Resistor Divider** | Connected to the Feedback (FB) pin to set the specific output voltage level. | --- ### ## Usage Context The MP1622-A5-RX is commonly found in: * **Networking Equipment**: Routers, modems, and switches. * **Distributed Power Systems**: Converting 12V rails down to 5V, 3.3V, or 1.8V. * **IoT Devices**: Where high efficiency and small physical footprints are mandatory.
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the A5 and other MP1622 variants?
    • ⤷ How do I calculate the resistor values for a 3.3V output?
    • ⤷ What is the recommended layout for thermal dissipation in SOT23 packages?