Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MP1710-1-RV

  • AI
    The **MP1710-1-RV** is a specific variant of the MP1710 series, which is a high-efficiency, non-isolated, universal input step-down (buck) regulator manufactured by **Monolithic Power Systems (MPS)**. It is primarily used to convert AC line voltage (or high-voltage DC) into a lower DC voltage to power small electronic circuits. ### 1. Key Technical Specifications The MP1710 series is designed for simplicity and low component count. | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 30V to 400V DC (Universal AC 85V - 265V) | | **Integrated MOSFET** | 700V Power Switch | | **Maximum Output Current** | ~100mA (Depending on thermal design) | | **Regulator Type** | Non-isolated Buck / Buck-Boost | | **Quiescent Current** | < 100µA (Ultra-low standby power) | | **Package** | SOT23-5 | --- ### 2. Core Functional Blocks The internal circuitry of the MP1710-1-RV consists of several critical electronic components integrated into a single silicon chip: * **700V MOSFET:** This is the primary switching element. Because it is rated for 700V, the chip can be connected directly to rectified AC mains without an external power transistor. * **Internal High-Voltage Current Source:** Allows the chip to "self-start" by drawing power directly from the Drain pin, eliminating the need for an external startup resistor. * **Voltage Reference & Error Amplifier:** Monitors the output via the Feedback (FB) pin to maintain a steady voltage (typically 2.5V reference). * **Protection Circuitry:** * **Thermal Shutdown:** Shuts off the device if the junction temperature exceeds ~150°C. * **Short-Circuit Protection (SCP):** Reduces switching frequency during a fault. * **Overload Protection (OLP):** Prevents the inductor from saturating. --- ### 3. Application Circuit Components To function, the MP1710-1-RV requires a few external "passive" parts. A typical schematic includes: 1. **Input Rectifier & Filter:** A diode bridge and a capacitor to convert AC to high-voltage DC. 2. **Freewheeling Diode:** An Ultra-Fast recovery diode (e.g., UF4007) to handle the inductor current when the internal switch is OFF. 3. **Power Inductor:** Usually ranging from $680\mu H$ to $1mH$, storing energy during the "ON" cycle. 4. **Feedback Resistors:** A voltage divider that tells the chip what the output voltage is. 5. **Output Capacitor:** Smooths the DC output. --- ### 4. Comparison of Variants The suffix in **MP1710-1-RV** refers to specific factory settings: | Suffix | Meaning | | :--- | :--- | | **MP1710** | Base model number. | | **-1** | Specific current limit or frequency version (often 100mA peak). | | **-RV** | Refers to specific packaging and "Reel" (Tape & Reel) shipping format. | --- ### 5. Common Use Cases * **Home Automation:** Powering Wi-Fi switches and smart plugs. * **Appliances:** Small logic power for coffee makers or washing machines. * **LED Drivers:** Small non-isolated LED bulbs. * **Standby Power:** Auxiliary power for larger industrial systems.
    ✨ Follow-up Questions
    • ⤷What is the difference between a buck and a buck-boost configuration for the MP1710?
    • ⤷ How do I calculate the inductor value for an MP1710 circuit?
    • ⤷ Can the MP1710 be used in an isolated power supply design?