Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MP1710-1-RX

  • AI
    The **MP1710-1-RX** is a specialized electronic component typically associated with high-frequency communication modules, specifically acting as a **Photo-Receiver (RX)** module. These parts are commonly used in optical fiber communication systems, such as SONET/SDH or high-speed Ethernet environments. Below is a breakdown of its electronic characteristics and functional blocks. --- ### 1. Key Technical Specifications While specific parameters can vary slightly by manufacturer (often associated with brands like Mitsubishi or specialized telecom vendors), the general specifications for this class of receiver are: | Parameter | Typical Value / Description | | :--- | :--- | | **Function** | Optical-to-Electrical (O/E) Conversion | | **Data Rate** | Typically 10 Gbps (OC-192 / STM-64) | | **Operating Wavelength** | 1310nm to 1550nm (Standard Single Mode) | | **Supply Voltage** | -5.2V or +3.3V (depending on the specific version) | | **Package Type** | Butterfly Package or High-speed Surface Mount | | **Output Type** | Differential (CML or LVPECL) | --- ### 2. Internal Electronic Components The "RX" (Receiver) designation implies a multi-stage internal circuit designed to handle very weak optical signals and convert them into clean digital data. #### A. Photodiode (PIN or APD) * **Purpose:** The front-end sensor that detects incoming light pulses. * **Mechanism:** Converts photons into a small electrical current (photocurrent). * **Note:** High-performance versions often use an **APD (Avalanche Photodiode)** for higher sensitivity. #### B. Transimpedance Amplifier (TIA) * **Purpose:** The most critical analog component. * **Mechanism:** It converts the tiny photocurrent from the photodiode into a measurable voltage. * **Electronic Property:** It must have very low noise and high bandwidth to maintain signal integrity at 10Gbps+. #### C. Limiting Amplifier (LA) * **Purpose:** Signal conditioning. * **Mechanism:** It takes the variable voltage from the TIA and "squares" it up into a standard digital logic level, ensuring the output is uniform regardless of the input light strength. --- ### 3. Connection and Integration The MP1710-1-RX is integrated into a larger PCB using specific high-speed layout rules: 1. **Impedance Matching:** The output pins are usually designed for **50-ohm characteristic impedance** to prevent signal reflection. 2. **Decoupling Capacitors:** Because the TIA is extremely sensitive to power supply noise, multiple stages of ceramic capacitors are required near the Vcc pins. 3. **Optical Interface:** Usually features a pigtailed fiber or a receptacle (like an LC or SC connector) coupled directly to the internal photodiode. --- ### 4. Common Applications * **Telecommunications:** Core network routers and long-haul transport. * **Test Equipment:** Used in bit-error-rate testers (BERT) for analyzing 10G signals. * **Data Centers:** High-speed optical interconnects.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the MP1710-1-RX butterfly package?
    • ⤷ Does this module require a specific bias voltage for an internal APD?
    • ⤷ How does the MP1710-1-RX handle thermal dissipation at high data rates?