Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MP220G-R10-C

  • AI
    The **MP220G-R10-C** is a specialized electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These components are fundamental in power management circuits, specifically within DC-DC converters and voltage regulator modules. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Technical Specifications | Parameter | Specification (Typical) | | :--- | :--- | | **Inductance** | 1.0 µH (indicated by "R10" or "1R0" logic) | | **Tolerance** | ±20% | | **Current Rating (Isat)** | High Saturation Current (designed for high-density power) | | **DC Resistance (DCR)** | Ultra-low (to minimize power loss) | | **Core Material** | Metal Alloy / Carbonyl Powder (Shielded) | | **Mounting Type** | SMD (Surface Mount Device) | ### 2. Key Internal Parts and Construction * **Winding (Coil):** Usually made of high-quality copper wire. In modern power inductors like this series, it often uses flat-wire technology to increase the cross-sectional area and reduce resistance. * **Core Material:** Uses a molded metal powder core. This provides soft saturation characteristics, meaning the inductance doesn't drop off sharply when the current increases. * **Shielding:** The component is magnetically shielded. This prevents Electromagnetic Interference (EMI) from affecting nearby sensitive components on the PCB. * **Terminals:** Solder-plated leads (usually Tin) designed for reflow soldering processes. --- ### 3. Electronic Functions and Usage The MP220G-R10-C performs several critical roles in a circuit: 1. **Energy Storage:** In a switching regulator (Buck or Boost), it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle. 2. **Filtering:** It works alongside capacitors to smooth out ripple current, converting a pulsating square wave into a steady DC voltage. 3. **Noise Suppression:** Acting as a low-pass filter, it blocks high-frequency noise from passing through the power rail. ### 4. Common Applications * **Computing:** Voltage Regulator Modules (VRMs) for CPUs and GPUs. * **Mobile Devices:** High-efficiency power stages in smartphones and tablets. * **Industrial:** DC-DC converters for distributed power systems. --- ### 5. Part Number Breakdown (General Logic) * **MP:** Often refers to the series (Molded Powder). * **220:** Relates to the physical dimensions (e.g., 2.0mm x 2.0mm or similar footprint). * **R10:** The inductance value (1.0 microhenries). * **C:** Typically denotes the tolerance or packaging type (e.g., Tape & Reel).
    ✨ Follow-up Questions
    • ⤷ What are the specific physical dimensions of the MP220G series footprint?
    • ⤷ How does 'soft saturation' in metal powder cores compare to ferrite cores?
    • ⤷ What is the maximum operating temperature for this specific inductor?