Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MPAU-HLC-R

  • AI
    The **MPAU-HLC-R** is a specific electronic component belonging to a family of high-performance magnetic parts, typically identified as a **High-Current Power Inductor**. These are commonly used in automotive, industrial, and high-efficiency power conversion applications. --- ## 1. Technical Specifications The "MPAU" series generally refers to metal-composite shielded power inductors. Below is a breakdown of the typical electronic characteristics associated with this part number: | Parameter | Description | | :--- | :--- | | **Component Type** | Metal Alloy Composite Inductor | | **Shielding** | Magnetically Shielded (reduces EMI) | | **Core Material** | Iron Powder / Carbonyl Iron (High Saturation) | | **Operating Temp** | Typically -40°C to +125°C or +155°C | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ## 2. Key Electronic Features ### High Saturation Current ($I_{sat}$) Due to the metal composite construction, these inductors exhibit "soft saturation" characteristics. Unlike ferrite cores that lose inductance suddenly when current exceeds a limit, the MPAU series maintains inductance more effectively under high-load transients. ### Low DC Resistance (DCR) The internal windings are designed to minimize power loss. A low DCR is critical for: * Improving overall power supply efficiency. * Reducing heat generation within the circuit. ### Electromagnetic Interference (EMI) Suppression The molded construction acts as a natural shield. This is vital for electronic parts used near sensitive sensors or communication modules, as it contains the magnetic field within the component. --- ## 3. Common Applications The MPAU-HLC-R is frequently integrated into the following electronic systems: * **DC-DC Converters:** Used in Point-of-Load (POL) power supplies. * **Automotive Electronics:** Powering Advanced Driver Assistance Systems (ADAS) or infotainment units. * **High-Current VRMs:** Voltage Regulator Modules for CPUs and GPUs. * **Battery Powered Devices:** Where high efficiency is required to extend battery life. --- ## 4. Part Number Breakdown (Typical) While naming conventions vary by manufacturer (such as Cyntec or Chilisin), the code usually follows this logic: | Segment | Meaning | | :--- | :--- | | **MPAU** | Series series designation (Metal Power Alloy) | | **HLC** | Physical size or high-loss/high-current characteristic | | **R** | Packaging (usually indicates Tape & Reel) |
    ✨ Follow-up Questions
    • ⤷ What are the specific inductance values available for the MPAU-HLC-R series?
    • ⤷ How does a metal composite inductor compare to a traditional ferrite inductor?
    • ⤷ Can you provide the footprint dimensions for this component?