Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MPC8308-RDB

  • AI
    The **MPC8308-RDB** (Reference Design Board) is a development platform designed by NXP (formerly Freescale) to showcase the capabilities of the **MPC8308 PowerQUICC II Pro** processor. It is optimized for low-power, cost-sensitive networking and industrial applications. --- ## 1. Core Processor: MPC8308 The heart of the board is the MPC8308 SoC, which is based on the e300c3 (Power Architecture) core. | Feature | Specification | |:---|:---| | **Core** | e300c3 (Power Architecture) | | **Speed** | Up to 400 MHz | | **L1 Cache** | 16 KB Instruction + 16 KB Data | | **FPU** | Integrated Floating Point Unit | | **Technology** | 90nm low-power process | --- ## 2. Key Electronic Subsystems The RDB integrates several peripheral components to support the processor's I/O capabilities. ### A. Memory Architecture * **DDR2 SDRAM:** Typically equipped with 128 MB of DDR2 memory (16-bit interface) for system operations. * **NOR Flash:** 8 MB of parallel NOR Flash for bootloader (U-Boot) storage. * **NAND Flash:** 32 MB (or more) for OS kernel and file system storage. * **I2C EEPROM:** Small capacity for storing board-specific configuration data (VPD). ### B. Networking & Connectivity * **Gigabit Ethernet:** Usually features 1-3 10/100/1000 Mbps ports. One port is typically connected via an **RGMII** interface to an external PHY (like the Vitesse VSC8641). * **PCI Express:** One Mini-PCIe slot (x1) for wireless modules or expansion cards. * **USB 2.0:** High-speed host/device/OTG support with an integrated PHY. ### C. Industrial Interfaces * **eSDHC:** Support for SD/MMC cards for expandable storage. * **Dual UART:** Standard RS-232 serial ports for console debugging. * **I2C & SPI:** Buses for connecting sensors, RTCs, or additional EEPROMs. --- ## 3. Power Management & Debugging The board is designed to run on a single **5V or 12V DC** input, which is then regulated down to the required voltages for the core and peripherals. ### Power Rail Summary | Rail | Purpose | |:---|:---| | **1.0V** | Core Voltage (VDD) | | **1.8V** | DDR2 Memory Voltage | | **3.3V** | I/O and Peripheral Voltage | ### Debugging Tools * **JTAG/COP Interface:** A 16-pin header used for hardware-level debugging and flashing firmware using tools like CodeWarrior or BDI3000. * **Status LEDs:** Indicators for power, Ethernet activity, and software-defined status. --- ## 4. Simplified Block Diagram Concept ```text [ Power Input ] --> [ Voltage Regulators ] | [ DDR2 ] <--- [ MPC8308 SoC ] ---> [ NOR/NAND Flash ] | ------------------------------- | | | [ Gbe PHY ] [ USB PHY ] [ PCIe Slot ] | | | [ RJ45 ] [ USB Port ] [ Wi-Fi/Ext ] ```
    ✨ Follow-up Questions
    • ⤷ What are the typical power consumption levels for the MPC8308-RDB?
    • ⤷ Which operating systems are supported on this reference board?
    • ⤷ How does the e300c3 core compare to the older e300c2 core?