Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MPIA4015V2-R22-R

  • AI
    The **MPIA4015V2-R22-R** is a high-performance, surface-mount (SMD) power inductor part of the MPIA (Metal Powder Inductor) series. These components are specifically designed for high-current applications where space is limited and efficiency is critical. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics: | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 0.22 µH | | **Tolerance** | ±20% | | **Rated Current (Idc)** | ~14.0 Amperes (Typical) | | **Saturation Current (Isat)** | ~18.5 Amperes (Typical) | | **DC Resistance (DCR)** | ~4.1 mΩ (Maximum) | | **Operating Temperature** | -40°C to +125°C | | **Package Size** | 4.0 x 4.0 x 1.5 mm | --- ### 2. Key Features * **Metal Powder Core:** Unlike traditional ferrite inductors, these use a composite metal powder core which allows for **soft saturation**. This means the inductance drops gradually as current increases, preventing sudden circuit failure. * **Molded Construction:** The inductor is magnetically shielded, which significantly reduces Electromagnetic Interference (EMI) and cross-talk with neighboring components. * **Low Profile:** The "15" in the part number denotes a maximum height of 1.5mm, making it ideal for ultra-thin electronics. * **High Efficiency:** The low DCR (Direct Current Resistance) minimizes power loss due to heat, improving battery life in portable devices. --- ### 3. Application Use Cases This specific inductor is commonly found in DC-DC converter circuits. * **Point-of-Load (POL) Converters:** Used to step down voltage for CPUs and GPUs. * **Mobile Devices:** Smartphones, tablets, and wearables where PCB real estate is premium. * **Automotive Infotainment:** Provides stable power filtering in high-temperature environments. * **SSD Storage:** Power management stages in solid-state drives. --- ### 4. Comparison: MPIA4015V2-R22-R vs. Standard Ferrite | Feature | MPIA Series (Metal Powder) | Standard Ferrite Inductor | | :--- | :--- | :--- | | **Saturation Profile** | Soft Saturation (Gradual) | Hard Saturation (Abrupt) | | **EMI Shielding** | Excellent (Molded) | Variable | | **Physical Ruggedness** | High (Solid block) | Moderate (Brittle core) | | **Acoustic Noise** | Very Low | Can exhibit "coil whine" | ---
    ✨ Follow-up Questions
    • ⤷What is the difference between Idc and Isat in the context of this inductor?
    • ⤷ Are there automotive-grade (AEC-Q200) versions of this specific part?
    • ⤷ How does the 1.5mm height affect the thermal dissipation compared to taller 4040 inductors?