Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MPIA4015V2-R33-R

  • AI
    ## Technical Overview: MPIA4015V2-R33-R The **MPIA4015V2-R33-R** is a high-performance, shielded power inductor designed primarily for DC-DC converter applications. It belongs to the MPIA (Molded Power Inductor Automotive) series, which is engineered for high current density and robust thermal performance. --- ### 1. Key Technical Specifications | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 0.33 µH | | **Tolerance** | ±20% | | **Current Rating (Irms)** | ~14.5 Amperes | | **Saturation Current (Isat)** | ~22.0 Amperes | | **DC Resistance (DCR)** | ~4.4 mΩ (Typical) | | **Operating Temperature** | -40°C to +125°C | | **Package Size** | 4.0mm x 4.0mm x 1.5mm | --- ### 2. Component Composition and Design * **Molded Construction:** The part is manufactured using a metal flake powder technology. This molding process allows for a higher saturation current compared to traditional ferrite core inductors of the same size. * **Magnetic Shielding:** The design is naturally shielded, which minimizes Electromagnetic Interference (EMI) with surrounding components on the PCB. * **AEC-Q200 Grade:** The "V2" and "MPIA" designations typically indicate compliance with automotive reliability standards, making it suitable for harsh environments. --- ### 3. Part Number Breakdown Understanding the nomenclature helps in identifying the specific attributes: 1. **MPIA4015**: The series name and physical dimensions (4.0 x 4.0 x 1.5 mm). 2. **V2**: Version 2, often indicating an improved material or manufacturing process for better efficiency. 3. **R33**: Represents the inductance value. `R` acts as a decimal point, so `R33` = **0.33 µH**. 4. **R**: The final 'R' usually denotes the packaging type (Tape and Reel). --- ### 4. Typical Applications Because of its low profile and high current handling, this inductor is commonly found in: * **Automotive Electronics:** Infotainment systems, ADAS sensors, and ECU power supplies. * **Point-of-Load (POL) Converters:** High-frequency DC-DC buck converters. * **Mobile Devices:** Handheld units requiring slim components with high power efficiency. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of metal flake powder cores over standard ferrite cores?
    • ⤷ How does the DCR of this inductor affect the overall efficiency of a buck converter?
    • ⤷ What are the recommended soldering profile considerations for the MPIA4015 series?