Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MPR3JB10L0

  • AI
    The **MPR3JB10L0** is a specific type of **Current Sensing Resistor** (often referred to as a Shunt Resistor). It is designed for high-precision current measurement and is commonly used in power management systems. --- ### 1. Component Identification Based on the part number, here is the breakdown of its core characteristics: | Component Type | Feature | Description | | :--- | :--- | :--- | | **Resistor Type** | Metal Plate | Built using a solid metal element for high stability. | | **Resistance Value** | 10mΩ (0.010Ω) | Low resistance to minimize power loss while sensing current. | | **Tolerance** | ±5% (J) | Standard industrial tolerance for general sensing. | | **Power Rating** | 3 Watts | High power dissipation capability in a small footprint. | | **Mounting** | Lead-form/Thru-hole | Typically features radial leads for PCB mounting. | --- ### 2. Key Technical Specifications The "MPR" series (Metal Plate Resistor) is engineered for performance under high-current conditions. * **Low Inductance:** Because it is made of a metal plate rather than a wire coil, it has extremely low self-inductance, making it suitable for high-frequency switching applications. * **Temperature Coefficient (TCR):** Usually low (e.g., ±50ppm/°C to ±100ppm/°C), ensuring the resistance doesn't change significantly as the part heats up. * **Flameproof Construction:** The ceramic or silicone coating ensures the device does not catch fire under overload conditions. --- ### 3. Functional Applications The MPR3JB10L0 is primarily used in circuits where monitoring the flow of electricity is critical. 1. **Overcurrent Protection:** Detecting if a motor or power supply is drawing too much current to trigger a shutdown. 2. **Battery Management Systems (BMS):** Measuring charge and discharge rates in lithium-ion battery packs. 3. **DC-DC Converters:** Providing feedback to the controller to regulate output voltage based on load. 4. **Inverters:** Monitoring phase currents in motor drives or solar power equipment. --- ### 4. Circuit Implementation (Example) In a typical application, the resistor is placed in series with the load. The voltage drop across the resistor is measured using Ohm's Law ($V = I \times R$). ```python # Example Calculation for MPR3JB10L0 resistance = 0.010 # 10mOhms current_measured = 15.0 # Amps # Voltage drop across the resistor voltage_drop = current_measured * resistance # Result: 0.15V or 150mV # Power dissipation power_dissipated = (current_measured**2) * resistance # Result: 2.25 Watts (Safe, as it is below the 3W rating) ```
    ✨ Follow-up Questions
    • ⤷What are the specific physical dimensions of the MPR3 series?
    • ⤷ How does the TCR (Temperature Coefficient) affect accuracy in high-heat environments?
    • ⤷ Can this resistor be used in AC current sensing applications?