Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MPSA43L-AB3-R

  • AI
    The **MPSA43L-AB3-R** is a high-voltage NPN epitaxial silicon transistor commonly used in applications requiring high breakdown voltages and low current switching. It is frequently found in telecommunication and industrial control circuits. --- ## 1. Component Identification The part number can be broken down to understand its specific manufacturing and packaging: | Segment | Meaning | | :--- | :--- | | **MPSA43** | Base model number (High-voltage NPN transistor) | | **L** | Lead-free / RoHS compliant | | **AB3** | Package type (Typically refers to SOT-89) | | **R** | Tape and Reel packaging | --- ## 2. Technical Specifications The MPSA43 series is designed for high-voltage durability. Below are the typical electrical characteristics: | Parameter | Symbol | Maximum Rating | | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | 200 V | | Collector-Emitter Voltage | $V_{CEO}$ | 200 V | | Emitter-Base Voltage | $V_{EBO}$ | 6.0 V | | Collector Current (DC) | $I_C$ | 500 mA | | Power Dissipation ($T_a = 25^\circ C$) | $P_D$ | 500 mW - 1W (Package dependent) | | DC Current Gain | $h_{FE}$ | 40 - 200 (at $I_c = 10mA$) | --- ## 3. Key Features and Applications ### Features * **High Breakdown Voltage:** With a $V_{CEO}$ of 200V, it can handle significant voltage spikes and high-potential rails. * **Low Saturation Voltage:** Ensures efficient switching with minimal heat generation. * **Small Footprint:** The SOT-89 package (AB3) allows for high-density PCB mounting while providing better thermal dissipation than smaller SOT-23 packages. ### Common Applications * **Telecommunications:** Used in line switching and ringing circuits. * **Display Drivers:** Driving high-voltage indicators or gas discharge displays. * **Power Supplies:** Used in the startup or regulation stages of high-voltage converters. * **Signal Amplification:** General-purpose amplification where high-voltage swings are expected. --- ## 4. Pin Configuration (SOT-89) When looking at the front of the SOT-89 package (pins pointing down): 1. **Pin 1:** Emitter 2. **Pin 2 (Center/Tab):** Collector 3. **Pin 3:** Base ```text [ Collector ] |---| _____| |_____ | | | MPSA43L | |_______________| | | | Emitter Collector Base (1) (2) (3) ```
    ✨ Follow-up Questions
    • ⤷What is the thermal resistance difference between the SOT-89 and TO-92 versions of the MPSA43?
    • ⤷ Are there PNP complementary pairs available for the MPSA43?
    • ⤷ What are the recommended safety margins for using this transistor in 110V DC applications?