Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MPT730-R33H1

  • AI
    The **MPT730-R33H1** is a high-performance, surface-mount (SMD) power inductor. It is part of the MPT series, typically manufactured by companies like Delta Electronics or Cyntec. These inductors are known for their high current-carrying capacity and low profile, making them ideal for modern power conversion circuits. --- ### ## Technical Specifications The following table summarizes the key electrical and physical characteristics of the MPT730-R33H1: | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 0.33 µH | | **Tolerance** | ±20% (Standard) | | **DC Resistance (DCR)** | ~1.3 mΩ (Typical) / ~1.5 mΩ (Max) | | **Saturation Current (Isat)** | ~30A - 35A | | **Heat Rating Current (Irms)** | ~22A - 26A | | **Operating Temperature** | -40°C to +125°C | | **Package Size** | 7.3mm x 6.6mm x 3.0mm | --- ### ## Key Electronic Features 1. **Metal Alloy Core Construction**: Unlike traditional ferrite cores, the MPT series uses a molded metal powder core. This provides **soft saturation** characteristics, meaning the inductance drops gradually as current increases rather than crashing abruptly. 2. **Low DCR (Direct Current Resistance)**: The "R33" indicates a low inductance value (0.33µH). Combined with high-quality copper windings, it results in extremely low resistance, which minimizes power loss through heat (I²R losses). 3. **High Frequency Performance**: Designed to operate efficiently in high-frequency switching environments (typically up to 1MHz or higher), which is essential for modern DC-DC converters. 4. **Magnetic Shielding**: The molded construction acts as a natural shield, significantly reducing Electromagnetic Interference (EMI) which can affect sensitive neighboring components on a PCB. --- ### ## Typical Applications The MPT730-R33H1 is primarily used in **Voltage Regulator Modules (VRM)** and high-efficiency power supplies. Common devices include: * **Laptops and Tablets**: Powering the CPU/GPU core rails. * **Graphics Cards (GPUs)**: Managing high-current power phases. * **Servers**: High-density power distribution units. * **Telecommunications**: DC-DC "Point of Load" (POL) converters. --- ### ## Part Number Breakdown * **MPT**: Series Name (Molded Power Inductor). * **730**: Physical Dimensions (approx. 7.3mm x 3.0mm). * **R33**: Inductance Value (R represents the decimal point; 0.33µH). * **H1**: Series internal code/revision (often denotes specific material or tolerance).
    ✨ Follow-up Questions
    • ⤷ What is the difference between Isat and Irms for this inductor?
    • ⤷ Can this inductor be used in automotive applications?
    • ⤷ What are the recommended soldering profiles for this SMD component?