Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MPV310R5LJ-R

  • AI
    The **MPV310R5LJ-R** is a specific electronic component, typically categorized as a **Wirewound Resistor** or a **Power Shunt Resistor**, often manufactured by companies like Royal Ohm or similar vendors. It is designed for high-power applications requiring stability and precision. ### 1. Part Number Breakdown (Typical) | Segment | Meaning | Description | | :--- | :--- | :--- | | **MPV** | Series Code | Metal Plate / Power Vertical type resistor. | | **3** | Power Rating | Generally indicates a **3 Watt** power capacity. | | **10R** | Resistance Value | Indicates a resistance of **10 Ohms**. | | **5** | Tolerance | Usually signifies a **±5%** tolerance. | | **LJ** | Package/Form | Lead style or vertical mounting configuration. | | **-R** | RoHS Compliant | Indicates the part meets lead-free environmental standards. | --- ### 2. Key Specifications * **Type:** Power Metal Plate / Wirewound Resistor. * **Resistance:** 10 $\Omega$ (Ohms). * **Power Rating:** 3 Watts (at rated ambient temperature). * **Tolerance:** ±5% (standard precision for power applications). * **Temperature Coefficient:** Low (designed to minimize resistance change as it heats up). * **Construction:** Flameproof coating with a ceramic core or metal element for heat dissipation. --- ### 3. Physical Features & Applications #### Physical Characteristics * **Vertical Mounting:** The "V" in the series often indicates a vertical mount style, which saves PCB (Printed Circuit Board) real estate. * **Heat Dissipation:** Designed to handle significant thermal loads without failing. * **Non-Inductive Options:** Some variations of this series are designed to have low inductance for high-frequency switching. #### Common Applications 1. **Current Sensing:** Used in power supplies to monitor current flow. 2. **Voltage Dividers:** Employed in high-power circuits to step down voltages. 3. **Surge Protection:** Acting as a sacrificial or limiting component during power spikes. 4. **Motor Controllers:** Providing stable resistance in industrial motor drive circuits. --- ### 4. Typical Footprint (Conceptual) ```text [ Body ] | 10R5% | |________| | | [PCB Mount] ```
    ✨ Follow-up Questions
    • ⤷ What are the alternative resistance values available for the MPV series?
    • ⤷ Is the MPV310R5LJ-R suitable for high-frequency AC applications?
    • ⤷ How does the vertical mounting affect the thermal management of the PCB?