Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MPV320R8PJ-R

  • AI
    The **MPV320R8PJ-R** is a specialized high-power, thick-film resistor typically used in industrial and power management applications. It belongs to the **MPV** series, which is characterized by its TO-247 style package and high power-to-size ratio. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Resistance Value** | 0.82 $\Omega$ (indicated by "R8") | | **Power Rating** | 20W to 30W (Depending on heatsinking) | | **Tolerance** | ±5% (standard for "J" suffix) | | **Package Type** | TO-247 (Power package) | | **Mounting Type** | Through-Hole | | **Technology** | Thick Film | --- ### 2. Physical Design and Construction The component is designed to look similar to a power transistor (like a MOSFET), but it functions purely as a resistor. * **Substrate:** Usually Alumina or Beryllium Oxide to ensure high thermal conductivity. * **Encapsulation:** Molded epoxy case that is flame retardant and resistant to environmental factors. * **Termination:** Tin-plated copper leads designed for secure soldering onto PCBs. * **Heat Dissipation:** Features a metal tab or exposed ceramic back intended to be bolted to an external heatsink. --- ### 3. Functional Characteristics * **Non-Inductive Design:** Because it uses thick-film technology rather than wire-wound coils, it has very low inductance. This makes it ideal for high-frequency switching applications. * **Thermal Stability:** Designed to operate at high temperatures, though power derating curves must be followed if the ambient temperature exceeds 25°C. * **Pulse Handling:** Excellent capability to withstand momentary power surges compared to standard carbon film resistors. --- ### 4. Typical Applications 1. **Current Sensing:** Used as a shunt resistor in power supplies to monitor current flow. 2. **Snubber Circuits:** Absorbing energy spikes in switching power converters (DC-DC or AC-DC). 3. **Dynamic Braking:** Small motor control systems where excess energy needs to be dissipated as heat. 4. **Dummy Loads:** Used in testing equipment to simulate electrical loads. --- ### 5. Part Number Breakdown (Typical) | Segment | Meaning | | :--- | :--- | | **MPV** | Series Identifier (Power Thick Film) | | **3** | Size/Power Class | | **20** | Wattage rating (approximate base rating) | | **R8** | 0.8 Ohms ($\Omega$) | | **P** | Temperature Coefficient (TCR) Code | | **J** | Tolerance (±5%) | | **R** | Packaging Code (e.g., Reel or RoHS Compliant) |
    ✨ Follow-up Questions
    • ⤷ What are the heat dissipation requirements for the MPV320R8PJ-R to reach its full power rating?
    • ⤷ How does this thick-film resistor compare to a wire-wound resistor of the same wattage?
    • ⤷ Are there specific mounting precautions to prevent mechanical stress on the leads?