Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MPV320Z1HJ-R

  • AI
    The **MPV320Z1HJ-R** is a specific part number belonging to a series of high-power, modular AC-DC power supplies, typically manufactured by **Vicor Corporation** (specifically within their MegaPAC family). These units are designed for industrial, medical, and military applications where high reliability and configurability are required. --- ### 1. Component Overview The "MPV" prefix identifies this as a **MegaPAC** series power supply. These systems are chassis-based units that hold several "converter modules" (usually Vicor VI-200 or VI-J00 series) to provide multiple DC output voltages from a single AC input. ### 2. Technical Specifications While specific internal configurations can vary based on the suffix, the general specifications for this class of device are as follows: | Feature | Description | | :--- | :--- | | **Input Type** | AC-to-DC (Single Phase or Three Phase depending on chassis) | | **Input Voltage** | Typically 115/230 VAC (Autoranging or Strappable) | | **Output Channels** | Multiple (Modular design allows for 1 to 20+ outputs) | | **Power Rating** | Generally ranges from 600W to 2400W+ per chassis | | **Cooling** | Integrated fan cooling (Internal airflow) | | **Compliance** | UL, CSA, TUV, and CE Marking | --- ### 3. Key Electronic Sub-assemblies A unit like the MPV320Z1HJ-R consists of several critical electronic sections: #### A. The Front-End (Input Module) * **EMI Filter:** Reduces high-frequency noise feedback into the AC line. * **Rectification Bridge:** Converts AC to high-voltage DC. * **PFC (Power Factor Correction):** Ensures the current waveform is in phase with the voltage to maximize efficiency. #### B. The Back-End (DC-DC Converters) The "Z1HJ" portion of the part number often refers to the specific slot configuration of DC-DC converters installed: * **Isolation:** Each output is galvanically isolated. * **Regulation:** High-frequency switching (typically MHz range for Vicor parts) allows for a very small footprint and high power density. * **Trim/Control:** Allows for fine-tuning the output voltage via external resistors or signals. #### C. Control & Monitoring * **Remote Sense:** Compensates for voltage drops across long lead wires. * **DC OK Signal:** A logic signal indicating the output is within tolerance. * **Inhibit/Enable:** Allows for remote sequencing of power rails. --- ### 4. Typical Applications * **Medical Imaging:** MRI and CT scanners requiring low-noise, stable power. * **Semiconductor Equipment:** Wafer fabrication tools. * **Telecommunications:** Central office switching equipment. * **Industrial Automation:** Large-scale robotic controllers.
    ✨ Follow-up Questions
    • ⤷ How do I determine the specific output voltages for the 'Z1HJ' configuration?
    • ⤷ What are the common failure modes for modular power supplies like the MegaPAC?
    • ⤷ Are there modern drop-in replacements for legacy Vicor MPV units?