Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MPV3J20S8QJ-R

  • AI
    The part number **MPV3J20S8QJ-R** refers to a high-performance **Metal Oxide Varistor (MOV)**, typically manufactured by companies like Littelfuse or similar specialized circuit protection component providers. These components are essential for protecting electronic circuits from high-voltage transients (surges). --- ### 1. Component Specification Overview Below are the typical technical characteristics associated with this specific part series: | Feature | Specification Details | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) | | **Package / Case** | Surface Mount (SMD) - 2012 (0805 metric) or specific J-Lead | | **Maximum AC Voltage** | ~20V - 25V (Typical for '20S' designation) | | **Maximum DC Voltage** | ~26V - 31V | | **Clamping Voltage** | The voltage at which the device becomes fully conductive | | **Energy Rating** | High Joules rating for its size | | **Mounting Type** | Surface Mount Device (SMD) | --- ### 2. Breakdown of the Part Number While naming conventions vary slightly by manufacturer, the code generally breaks down as follows: * **MPV:** Multi-layer Protective Varistor (indicates the technology type). * **3J:** Often refers to the energy absorption capability or specific series generation. * **20S:** Indicates the Working Voltage (e.g., 20 Volts). * **8QJ:** Refers to the physical dimensions and lead configuration (often a specific chip size). * **-R:** Indicates compliance with **RoHS** (Lead-free) standards and **Tape & Reel** packaging. --- ### 3. Key Functions and Applications #### Key Functions: 1. **Surge Suppression:** It absorbs excess energy from voltage spikes caused by lightning, inductive load switching, or ESD. 2. **Voltage Clamping:** It limits the voltage across a sensitive component to a safe level during a surge. 3. **Bidirectional Protection:** It protects against both positive and negative voltage transients. #### Common Applications: * **Automotive Electronics:** Protection for ECUs, sensors, and infotainment systems. * **Consumer Electronics:** Power supplies for laptops, smartphones, and tablets. * **Industrial Controls:** Protecting PLC inputs and communication lines (RS-485, CAN bus). --- ### 4. Typical Circuit Implementation In a standard circuit, the MOV is placed in parallel with the load it is intended to protect. ```mermaid graph LR Input[Input Voltage] --> Node1{MOV} Node1 --> Load[Sensitive Electronic Load] Node1 -- Excess Current --> GND[Ground/Earth] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum peak current this varistor can handle?
    • ⤷ How does a varistor differ from a TVS diode in circuit protection?
    • ⤷ What are the recommended soldering profiles for this SMD component?