Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MPV3J60B1PJ-R

  • AI
    The part number **MPV3J60B1PJ-R** refers to a high-performance, high-voltage Power MOSFET, typically utilizing **Silicon Carbide (SiC)** technology. These components are designed for high-efficiency power conversion in demanding industrial and automotive environments. --- ### 1. Technical Specifications Below is a breakdown of the typical technical parameters for this class of component: | Feature | Description | | :--- | :--- | | **Component Type** | SiC (Silicon Carbide) Power MOSFET | | **Drain-Source Voltage ($V_{DSS}$)** | 650V - 1200V (Model specific range) | | **Continuous Drain Current ($I_D$)** | High amperage (approx. 30A - 60A depending on cooling) | | **RDS(on)** | Low On-Resistance (typically < 60 mΩ) | | **Package Type** | TO-247 or similar high-power discrete package | | **Operating Temperature** | up to +175°C | --- ### 2. Key Features * **High Efficiency:** Due to the SiC material, this part has significantly lower switching losses compared to traditional Silicon MOSFETs or IGBTs. * **Thermal Conductivity:** Silicon Carbide provides superior heat dissipation, allowing for smaller heatsinks and higher power density. * **Fast Switching:** Capable of operating at higher frequencies, which allows for the use of smaller inductors and capacitors in the circuit design. * **Low Gate Charge:** Reduces the requirements for the gate driver circuit. --- ### 3. Application Areas These parts are engineered for systems where energy efficiency and compact size are critical: 1. **Electric Vehicles (EV):** Used in On-Board Chargers (OBC) and DC/DC converters. 2. **Renewable Energy:** Solar inverters and energy storage systems (ESS). 3. **Industrial Power Supplies:** High-efficiency Switch Mode Power Supplies (SMPS) and Uninterruptible Power Supplies (UPS). 4. **Motor Drives:** High-frequency motor control for industrial automation. --- ### 4. Part Number Decoder (Typical) While manufacturers have unique codes, the suffix `-R` usually indicates **Tape and Reel** packaging for automated assembly. The "MPV" prefix often identifies the manufacturer's specific SiC product line. ---
    ✨ Follow-up Questions
    • ⤷What is the exact RDS(on) value for this specific model?
    • ⤷ Which gate driver is recommended for this SiC MOSFET?
    • ⤷ How does this part compare to a standard Silicon IGBT in terms of switching loss?