Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MPZ2012

  • AI
    ## Overview of the TDK MPZ2012 Series The **MPZ2012** is a popular series of **Chip Beads** (Ferrite Beads) manufactured by TDK. These components are specifically designed for **EMI (Electromagnetic Interference) suppression** in power lines. Unlike standard inductors, these beads are engineered to dissipate high-frequency noise as heat. --- ### 1. Key Characteristics | Feature | Description | | :--- | :--- | | **Material** | Ferrite (available in various material types like S, R, Y) | | **Size Code** | 2012 [Metric] / 0805 [Inch] | | **Dimensions** | 2.00mm x 1.25mm | | **Primary Use** | Noise suppression in power supply lines | | **Current Handling** | High current capability (up to several Amperes) | --- ### 2. Physical Dimensions The "2012" designation refers to the physical footprint of the component: * **Length (L):** 2.00 ± 0.20 mm * **Width (W):** 1.25 ± 0.20 mm * **Thickness (T):** 0.85 to 1.25 mm (varies by specific part number) --- ### 3. Material Variation & Impedance The MPZ2012 series offers different material types tailored for specific frequency ranges. The impedance ($Z$) is measured in Ohms ($\Omega$) typically at 100MHz. * **S Material:** Standard type for general noise applications across a wide range. * **S Material (High Current):** Optimized for low DC resistance to handle higher currents. * **Y Material:** Effective for high-frequency noise (up to the GHz range). --- ### 4. Technical Specifications Example Below is a representative sample of common parts within the MPZ2012 series: | Part Number | Impedance at 100MHz ($\Omega$) | DC Resistance (Max $\Omega$) | Rated Current (Max A) | | :--- | :--- | :--- | :--- | | **MPZ2012S300A** | $30 \pm 10$ | 0.010 | 6.0 | | **MPZ2012S221A** | $220 \pm 25\%$ | 0.040 | 3.0 | | **MPZ2012S102A** | $1000 \pm 25\%$ | 0.150 | 1.5 | --- ### 5. Why use MPZ2012? 1. **Low DC Resistance (Rdc):** Because they are used in power lines, they are designed with very low resistance to prevent voltage drops and power loss. 2. **High Reliability:** The multilayer structure provides excellent mechanical strength and reliability under thermal stress. 3. **Noise Dissipation:** It acts as a resistor at high frequencies, effectively "absorbing" noise rather than reflecting it back to the source. --- ### 6. Application Areas * **Consumer Electronics:** Smartphones, tablets, and laptops. * **Industrial:** Power supply modules and communication equipment. * **Automotive:** Infotainment systems and ECUs (Automotive grade versions like MPZ2012-D are used here).
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MPZ and MMZ series from TDK?
    • ⤷ How do I select the correct impedance value for my circuit?
    • ⤷ Can MPZ2012 beads be used in high-temperature automotive environments?