Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MPZ2012-J

  • AI
    ## Overview of TDK MPZ2012-J Series The **MPZ2012-J** is a high-performance chip bead series manufactured by **TDK**. It belongs to the MPZ (Multilayer Power Chip Bead) family, specifically designed for noise suppression in power lines. --- ### 1. Key Technical Specifications The "2012" in the part number refers to the metric case size. Below are the general characteristics of the series: | Property | Value (Metric/EIA) | | :--- | :--- | | **Case Size (Metric)** | 2012 (2.0 x 1.25 mm) | | **Case Size (EIA)** | 0805 (0.08 x 0.05 inches) | | **Material Type** | J Material (High-frequency characteristics) | | **Operating Temp** | -55°C to +125°C | | **Current Rating** | High (Typically 1A to 6A depending on specific model) | --- ### 2. Material Characteristics: "J" Material The **J material** is a specialized ferrite formulation developed by TDK. Its primary traits include: * **Broadband Impedance:** Provides effective noise suppression across a wide frequency range. * **High-Frequency Performance:** Compared to standard "S" material, the "J" material maintains significant impedance into the GHz range. * **Low DC Resistance (Rdc):** Optimized to prevent power loss and heat generation when used in power supply lines. --- ### 3. Structural Advantages The MPZ2012-J series utilizes a **multilayer internal structure**. This offers several benefits: 1. **Compactness:** High impedance achieved in a small 0805 footprint. 2. **No Crosstalk:** Unlike wire-wound inductors, the closed magnetic circuit minimizes EMI leakage. 3. **High Reliability:** The monolithic structure is resistant to mechanical stress and thermal shock. --- ### 4. Typical Applications Because these beads can handle high currents while filtering noise, they are found in: * **Power Lines:** Filtering noise in DC-DC converters and battery lines. * **Smart Devices:** Noise suppression in smartphones and tablets. * **Industrial:** Power supply decoupling for CPU and GPU rails. * **Automotive:** (If qualified) Infotainment and ECU power filtering. --- ### 5. Identification Example A common part number is **MPZ2012S331AT000**. If it were a "J" type, it would appear as: `MPZ` (Series) + `2012` (Size) + `J` (Material) + `XXX` (Impedance value). ---
    ✨ Follow-up Questions
    • ⤷What is the difference between J material and S material in TDK beads?
    • ⤷ How does the current rating affect the impedance of the MPZ2012-J?
    • ⤷ Can the MPZ2012-J be used in high-speed data lines or only power lines?