Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MPZ2012S102A

  • AI
    The **MPZ2012S102A** is a high-performance chip bead (ferrite bead) manufactured by **TDK**. It is primarily used for noise suppression in electronic circuits, particularly in power lines. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics. | Parameter | Specification | | :--- | :--- | | **Series** | MPZ (High current power line type) | | **Case Size** | 2012 (Metric) / 0805 (Inch) | | **Impedance** | $1000 \, \Omega \pm 25\%$ (at 100 MHz) | | **Rated Current** | 1.5 Amperes (Max) | | **DC Resistance (RDC)** | 0.10 $\Omega$ (Max) | | **Operating Temperature** | -55°C to +125°C | --- ### 2. Physical Dimensions The "2012" designation refers to the physical footprint of the surface mount device (SMD). | Dimension | Value (mm) | | :--- | :--- | | Length (L) | $2.00 \pm 0.20$ | | Width (W) | $1.25 \pm 0.20$ | | Thickness (T) | $0.85 \pm 0.20$ | --- ### 3. Functional Characteristics The MPZ series is designed differently than standard signal line beads: * **High Current Capability:** Unlike standard beads, the MPZ series is optimized for low RDC to prevent overheating when used in power supply lines (DC-to-DC converters, battery lines). * **Impedance Profile:** The "S" material provides standard frequency characteristics, effectively suppressing noise across a broad range of frequencies, peaking at 100MHz. * **Noise Absorption:** It acts as a low-pass filter, converting high-frequency electromagnetic interference (EMI) into heat through the magnetic properties of the ferrite material. --- ### 4. Typical Applications * **Consumer Electronics:** Smartphones, tablets, and portable gaming consoles. * **Power Supplies:** Filtering the output of switching regulators. * **Automotive/Industrial:** Suppression of noise in control modules and sensory equipment. --- ### 5. Implementation Example In a typical circuit, the bead is placed in series with the $V_{CC}$ or $V_{DD}$ line as close to the noise source (or the sensitive component) as possible. ```python # Simple representation of placement [Power Source] --- (MPZ2012S102A) --- [Decoupling Cap] --- [IC VCC Pin] ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MPZ series and the MMZ series from TDK?
    • ⤷ How does the impedance change as the frequency exceeds 100MHz for this part?
    • ⤷ Can this part be used in automotive applications requiring AEC-Q200 qualification?