Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MPZ2012S331A

  • AI
    ## Technical Overview of MPZ2012S331A The **MPZ2012S331A** is a High-Current Chip Bead (Ferrite Bead) manufactured by **TDK Corporation**. It is specifically designed for noise suppression in power supply lines. --- ### 1. Key Technical Specifications | Parameter | Value | | :--- | :--- | | **Impedance (at 100MHz)** | 330 $\Omega$ (±25%) | | **Rated Current (Max)** | 3.0 Amperes | | **DC Resistance (Max)** | 0.040 $\Omega$ | | **Operating Temperature** | -55°C to +125°C | | **Package Size (EIA/Metric)** | 0805 / 2012 (2.0mm x 1.25mm) | | **Series** | MPZ (Power Line) | --- ### 2. Functional Characteristics #### High Current Capability Unlike standard signal-line ferrite beads (MMZ series), the **MPZ series** features low DC resistance. This allows it to handle high currents (up to 3A) without excessive heat generation or voltage drops, making it ideal for power circuitry. #### Noise Suppression Mechanism The device acts as a frequency-dependent resistor: * **Low Frequencies:** It acts as a near-zero resistance conductor. * **High Frequencies:** It converts electromagnetic interference (EMI) noise into heat through its magnetic material properties, effectively filtering out "noise" from the power line. --- ### 3. Application Use Cases The MPZ2012S331A is commonly integrated into the following systems: 1. **Consumer Electronics:** Smartphones, tablets, and portable gaming devices. 2. **Computing:** Motherboards, SSDs, and peripheral power ports. 3. **Automotive/Industrial:** Distributed power systems where EMI must be minimized to prevent interference with sensors or communication modules. --- ### 4. Part Number Breakdown The nomenclature `MPZ2012S331A` can be decoded as follows: | Code | Meaning | | :--- | :--- | | **MPZ** | Multilayer Chip Bead for Power Lines | | **2012** | Dimensions (2.0mm length x 1.25mm width) | | **S** | Standard Material characteristic | | **331** | Impedance value (33 + one zero = 330 $\Omega$) | | **A** | Internal characteristic code/Packaging | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MPZ and MMZ series from TDK?
    • ⤷ How do I calculate if the 3.0A rating is sufficient for my circuit?
    • ⤷ Can this ferrite bead be used for high-speed data line filtering?